Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BU522B Datasheet(PDF) 2 Page - Motorola, Inc

Part No. BU522B
Description  7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BU522B Datasheet(HTML) 2 Page - Motorola, Inc

  BU522B Datasheet HTML 1Page - Motorola, Inc BU522B Datasheet HTML 2Page - Motorola, Inc BU522B Datasheet HTML 3Page - Motorola, Inc BU522B Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BU522B
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (See Figure 2)
(IC = 1.0 A) See Figure 2
VCER(sus)
425
Vdc
Collector Cutoff Current
(Rated VCER, RBE = 270 Ω)
ICER
1.0
mAdc
Collector Cutoff Current
(Rated VCBO, IE = 0)
ICBO
1.0
mAdc
Emitter Cutoff Current
(VEB = 5.0 Vdc, IC = 0)
IEBO
40
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 2.5 Adc, VCE = 5 Vdc)
hFE
250
Collector–Emitter Saturation Voltage
(IC = 4 Adc, IB = 80 mAdc)
VCE(sat)
2
Vdc
Base–Emitter Saturation Voltage
(IC = 4 Adc, IB = 80 mAdc)
VBE(sat)
2.5
Vdc
DYNAMIC CHARACTERISTICS
Current Gain — Bandwidth Product
(IC = 0.3 mAdc, VCE = 5.0 Vdc, ftest = 10 MHz)
fT
7.5
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
Cob
150
pF


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn