Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440FJ085M12 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 440FJ085M12
Description  EMI/RFI Tinel-Lock Ring Adapter Direct Coupling - Standard Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440FJ085M12 Datasheet(HTML) 1 Page - Glenair, Inc.

  440FJ085M12 Datasheet HTML 1Page - Glenair, Inc. 440FJ085M12 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 64
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Product Series
Connector Designator
Angle and Profile
H = 45°
J = 90°
S = Straight
Basic Part No.
Finish (Table II)
FOR TINEL-LOCK®
RING TERMINATIONS
440 F S 085 M 20 12-8 AI T1
Shrink Boot Options
(Table IV - Omit for none)
Tinel-Lock® Ring Supplied
(Table V - Omit for none)
Length: S only
(1/2 inch increments,
e.g. 8 = 4.000 inches)
Cable Entry (Table V)
Shell Size (Table I)
Tinel-Lock® Ring
Option (See Table V)
.070 (1.8)
CONNECTOR
DESIGNATORS
A-B*-C-D-E-F
G-H-J-K-L-S
* Conn. Desig. B See Note 7
DIRECT COUPLING
STYLE 2
(STRAIGHT
See Note 1)
Length ± .060 (1.52)
Min. Order Length 2.0 Inch
(See Note 4)
Tinel-Lock® is a registered trademark of Tyco
440-085
EMI/RFI Tinel-Lock® Ring Adapter
Direct Coupling - Standard Profile
G
(Table III)
H
(Table III)
A Thread
(Table I)
L*
C Typ.
(Table I)
.135 (3.4)
±.005 (.1)
.272 (6.9) Ref.
.525 (13.3)
M (Table IV)
K*
* (Table IV)
** Length ± .060 (1.52)
Min. Order Length 1.5 inch
(See Note 4)
Length **
O-Ring
F (Table III)
E
(Table III)
J
(Table III)
J
(Table III)
Thermochromic
Paint (Note 6)


Similar Part No. - 440FJ085M12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440FJ084M08 GLENAIR-440FJ084M08 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440FJ084M10 GLENAIR-440FJ084M10 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440FJ084M12 GLENAIR-440FJ084M12 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440FJ084M14 GLENAIR-440FJ084M14 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440FJ084M16 GLENAIR-440FJ084M16 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
More results

Similar Description - 440FJ085M12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AH084M08 GLENAIR-440AH084M08 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440AF086M08 GLENAIR-440AF086M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Self-Locking Rotatable Coupling - Standard Profile
440AH001M08 GLENAIR-440AH001M08 Datasheet
60Kb / 2P
   EMI/RFI Crimp Ring Adapter Direct Coupling - Standard Profile
440AF084M08 GLENAIR-440AF084M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440AH074NF08 GLENAIR-440AH074NF08 Datasheet
49Kb / 2P
   EMI/RFI Banding Adapter Direct Coupling - Standard Profile
440AH086M08 GLENAIR-440AH086M08 Datasheet
105Kb / 2P
   EMI/RFI Tinel-Lock짰 Ring Adapter
440AH071NF08 GLENAIR-440AH071NF08 Datasheet
52Kb / 2P
   EMI/RFI Dual Banding Adapter Direct Coupling - Standard Profile
440AH063M08 GLENAIR-440AH063M08 Datasheet
77Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Standard Profile
440AH031M08 GLENAIR-440AH031M08 Datasheet
54Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Direct Coupling - Standard Profile
440AH073NF08 GLENAIR-440AH073NF08 Datasheet
68Kb / 2P
   EMI/RFI Banding Adapter Rotatable Coupling - Standard Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com