Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440SF086M14 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 440SF086M14
Description  EMI/RFI Tinel-Lock Ring Adapter Self-Locking Rotatable Coupling - Standard Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440SF086M14 Datasheet(HTML) 1 Page - Glenair, Inc.

  440SF086M14 Datasheet HTML 1Page - Glenair, Inc. 440SF086M14 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 68
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
H
(Table III)
J
(Table III)
G (Table III)
F
(Table III)
Tinel-Lock® Ring
Option (See Table V)
.070 (1.8)
Thermochromic
Paint (Note 4)
.94 (23.9) Max
.94 (23.9)
Max
CONNECTOR
DESIGNATORS
A-F-H-L-S
SELF-LOCKING
ROTATABLE
COUPLING
FOR TINEL-LOCK®
RING TERMINATIONS
STYLE 2
(45° & 90°
See Note 1)
1.00 (25.4)
Max
A Thread
(Table I)
E Typ.
(Table I)
Anti-Rotation
Device (Typ.)
L
(Table IV)
.135 (3.4)
±.005 (.1)
.272 (6.9)
Ref.
.525
(13.3)
M (Table IV)
K
(Table IV)
Split 45°
Split 90°
Tinel-Lock® is a registered trademark of Tyco
440-086
EMI/RFI Tinel-Lock® Ring Adapter
Self-Locking Rotatable Coupling - Standard Profile
Product Series
Connector Designator
Angle and Profile
F = Split 45°
D = Split 90°
Basic Part No.
Finish (Table II)
440 F F 086 M 20 12 AI T1
Shrink Boot Options
(Table IV - Omit for none)
Tinel-Lock® Ring Supplied
(Table V - Omit for none)
Cable Entry (Table IV)
Shell Size (Table I)


Similar Part No. - 440SF086M14

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440SF084M08 GLENAIR-440SF084M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440SF084M10 GLENAIR-440SF084M10 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440SF084M12 GLENAIR-440SF084M12 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440SF084M14 GLENAIR-440SF084M14 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440SF084M16 GLENAIR-440SF084M16 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
More results

Similar Description - 440SF086M14

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AH084M08 GLENAIR-440AH084M08 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440AF084M08 GLENAIR-440AF084M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440AH075NF08 GLENAIR-440AH075NF08 Datasheet
52Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AH085M08 GLENAIR-440AH085M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Direct Coupling - Standard Profile
440AH072NF08 GLENAIR-440AH072NF08 Datasheet
57Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AH063M08 GLENAIR-440AH063M08 Datasheet
77Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Standard Profile
440AH069M08 GLENAIR-440AH069M08 Datasheet
59Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Standard Profile
440AM075NF08 GLENAIR-440AM075NF08 Datasheet
48Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Full Radius Profile
440AC075NF08 GLENAIR-440AC075NF08 Datasheet
135Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440AM072NF08 GLENAIR-440AM072NF08 Datasheet
52Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Full Radius Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com