Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX292CWE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX292CWE
Description  8th-Order, Lowpass, Switched-Capacitor Filters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX292CWE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX292CWE Datasheet HTML 2Page - Maxim Integrated Products MAX292CWE Datasheet HTML 3Page - Maxim Integrated Products MAX292CWE Datasheet HTML 4Page - Maxim Integrated Products MAX292CWE Datasheet HTML 5Page - Maxim Integrated Products MAX292CWE Datasheet HTML 6Page - Maxim Integrated Products MAX292CWE Datasheet HTML 7Page - Maxim Integrated Products MAX292CWE Datasheet HTML 8Page - Maxim Integrated Products MAX292CWE Datasheet HTML 9Page - Maxim Integrated Products MAX292CWE Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
_______________Detailed Description
Lowpass Butterworth filters such as the MAX291/
MAX295 provide maximally flat passband response, making
them ideal for instrumentation applications that require mini-
mum deviation from the DC gain throughout the passband.
Lowpass Bessel filters such as the MAX292/MAX296
delay all frequency components equally, preserving the
shape of step inputs, subject to the attenuation of the high-
er frequencies. They also settle faster than Butterworth fil-
ters. Faster settling can be important in applications that
use a multiplexer (mux) to select one signal to be sent to
an analog-to-digital converter (ADC)—an anti-aliasing filter
placed between the mux and the ADC must settle quickly
after a new channel is selected by the mux.
The difference in the filters’ responses can be observed
when a 3kHz square wave is applied to the filter input
(Figure 1, trace A). With the filter cutoff frequencies set at
10kHz, trace C shows the MAX291/MAX295 Butterworth
filter response and trace B shows the MAX292/MAX296
Bessel filter response. Since the MAX292/MAX296 have a
linear phase response in the passband, all frequency
components are delayed equally, which preserves the
square wave. The filters attenuate higher frequencies of
the input square wave, giving rise to the rounded edges at
the output. The MAX291/MAX295 delay different frequen-
cy components by varying times, causing the overshoot
and ringing shown in trace C.
The MAX291/MAX295 give more attenuation outside the
passband. The phase and frequency response curves in
the
Typical Operating Characteristics reveal the differences
between the two types of filters.
MAX291/MAX292/MAX295/MAX296 phase shift and gain
do not vary significantly from part to part. Typical phase
shift and gain differences are less than 0.5% at the corner
frequency (FC).
Corner Frequency and Filter Attenuation
The MAX291/MAX292 operate with a 100:1 clock to corner
frequency ratio and a 25kHz maximum corner frequency,
where corner frequency is defined as the point where the
filter output is 3dB below the filter’s DC gain. The
MAX295/MAX296 operate with a 50:1 clock to corner fre-
quency ratio with a 50kHz maximum corner frequency.
The 8 poles provide 48dB of attenuation per octave.
Background Information
Most switched-capacitor filters are designed with biqua-
dratic sections. Each section implements two filtering
poles, and the sections can be cascaded to produce high-
er-order filters. The advantage to this approach is ease of
design. However, this type of design can display poor sen-
sitivity if any section’s Q is high.
An alternative approach is to emulate a passive network
using switched-capacitor integrators with summing and
scaling. The passive network can be synthesized using
CAD programs, or can be found in many filter books.
Figure 2 shows the basic ladder filter structure.
A switched-capacitor filter that emulates a passive ladder
filter retains many of its advantages. The filter’s com-
ponent sensitivity is low when compared to a cascaded
biquad design because each component affects the entire
filter shape, not just one pole pair. That is, a mismatched
component in a biquad design will have a concentrated
8th-Order, Lowpass,
Switched-Capacitor Filters
6
_______________________________________________________________________________________
_____________________Pin Description
Filter Input
14
8
Inverting Input to the uncommit-
ted op amp. The noninverting op
amp is internally tied to ground.
6
4
Filter Output
11
5
Ground. In single-supply oper-
ation, GND must be biased to
the mid-supply voltage level.
12
6
Positive Supply pin. Dual sup-
plies: +2.375V to +5.500V. Single
supplies: +4.75V to +11.0V.
13
7
Uncommitted Op-Amp Output
5
3
Negative Supply pin. Dual
supplies: -2.375V to -5.500V.
Single supplies: V- = 0V.
4
2
8-PIN
Clock Input. Use internal or
external clock.
3
1
No Connect
1, 2, 7,
8, 9, 10,
15, 16
FUNCTION
16-PIN
IN
OP IN-
OUT
GND
V+
OP OUT
V-
CLK
N.C.
NAME
A
B
C
A: 3kHz INPUT SIGNAL
B: MAX292 BESSEL FILTER RESPONSE WITH Fo = 10kHz
C: MAX291 BUTTERWORTH FILTER RESPONSE WITH Fo = 10kHz
TIME (200
µs/div)
Figure 1. Bessel vs. Butterworth Filter Responses


Similar Part No. - MAX292CWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX292 MAXIM-MAX292 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX292 MAXIM-MAX292 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
More results

Similar Description - MAX292CWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com