Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX149AEPP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX149AEPP
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX149AEPP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX149AEPP Datasheet HTML 3Page - Maxim Integrated Products MAX149AEPP Datasheet HTML 4Page - Maxim Integrated Products MAX149AEPP Datasheet HTML 5Page - Maxim Integrated Products MAX149AEPP Datasheet HTML 6Page - Maxim Integrated Products MAX149AEPP Datasheet HTML 7Page - Maxim Integrated Products MAX149AEPP Datasheet HTML 8Page - Maxim Integrated Products MAX149AEPP Datasheet HTML 9Page - Maxim Integrated Products MAX149AEPP Datasheet HTML 10Page - Maxim Integrated Products MAX149AEPP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
_______________________________________________________________________________________ 7
Pin Description
Figure 1. Load Circuits for Enable Time
Figure 2. Load Circuits for Disable Time
PIN
NAME
FUNCTION
1–8
CH0–CH7
Sampling Analog Inputs
9
COM
Ground Reference for Analog Inputs. COM sets zero-code voltage in single-ended mode. Must be
stable to ±0.5 LSB.
10
SHDN
Three-Level Shutdown Input. Pulling SHDN low shuts the MAX148/MAX149 down; otherwise, they
are fully operational. Pulling SHDN high puts the reference-buffer amplifier in internal compensation
mode. Leaving SHDN unconnected puts the reference-buffer amplifier in external compensation
mode.
11
VREF
Reference-Buffer Output/ADC Reference Input. Reference voltage for analog-to-digital conversion.
In internal reference mode (MAX149 only), the reference buffer provides a 2.500V nominal output,
externally adjustable at REFADJ. In external reference mode, disable the internal buffer by pulling
REFADJ to VDD.
12
REFADJ
Input to the Reference-Buffer Amplifier. To disable the reference-buffer amplifier, tie REFADJ to VDD.
13
AGND
Analog Ground
14
DGND
Digital Ground
15
DOUT
Serial-Data Output. Data is clocked out at SCLK’s falling edge. High impedance when CS is high.
16
SSTRB
Serial-Strobe Output. In internal clock mode, SSTRB goes low when the MAX148/MAX149 begin
the A/D conversion, and goes high when the conversion is finished. In external clock mode, SSTRB
pulses high for one clock period before the MSB decision. High impedance when CS is high
(external clock mode).
17
DIN
Serial-Data Input. Data is clocked in at SCLK’s rising edge.
18
CS
Active-Low Chip Select. Data will not be clocked into DIN unless CS is low. When CS is high, DOUT
is high impedance.
19
SCLK
Serial-Clock Input. Clocks data in and out of serial interface. In external clock mode, SCLK also sets
the conversion speed (duty cycle must be 40% to 60%).
20
VDD
Positive Supply Voltage
a) HIGH-Z TO VOH AND VOL TO VOH
b) HIGH-Z TO VOL AND VOH TO VOL
DOUT
DGND
6kI
VDD
DGND
DOUT
6kI
CLOAD
50pF
CLOAD
50pF
b) VOL TO HIGH-Z
a) VOH TO HIGH-Z
DOUT
DGND
6kI
CLOAD
50pF
VDD
DOUT
DGND
6kI
CLOAD
50pF


Similar Part No. - MAX149AEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX149AEPP MAXIM-MAX149AEPP Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
More results

Similar Description - MAX149AEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com