Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX148AMJP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX148AMJP
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148AMJP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX148AMJP Datasheet HTML 5Page - Maxim Integrated Products MAX148AMJP Datasheet HTML 6Page - Maxim Integrated Products MAX148AMJP Datasheet HTML 7Page - Maxim Integrated Products MAX148AMJP Datasheet HTML 8Page - Maxim Integrated Products MAX148AMJP Datasheet HTML 9Page - Maxim Integrated Products MAX148AMJP Datasheet HTML 10Page - Maxim Integrated Products MAX148AMJP Datasheet HTML 11Page - Maxim Integrated Products MAX148AMJP Datasheet HTML 12Page - Maxim Integrated Products MAX148AMJP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
_______________________________________________________________________________________ 9
allowed between conversions. The acquisition time,
tACQ, is the maximum time the device takes to acquire
the signal, and is also the minimum time needed for the
signal to be acquired. It is calculated by the following
equation:
tACQ = 7 x (RS + RIN) x 16pF
where RIN = 9kI, RS = the source impedance of the
input signal, and tACQ is never less than 1.5Fs. Note that
source impedances below 4kI do not significantly affect
the ADC’s AC performance.
Higher source impedances can be used if a 0.01FF
capacitor is connected to the individual analog inputs.
Note that the input capacitor forms an RC filter with
the input source impedance, limiting the ADC’s signal
bandwidth.
Input Bandwidth
The ADC’s input tracking circuitry has a 2.25MHz
small-signal bandwidth, so it is possible to digitize high-
speed transient events and measure periodic signals
with bandwidths exceeding the ADC’s sampling rate
by using undersampling techniques. To avoid high-
frequency signals being aliased into the frequency band
of interest, anti-alias filtering is recommended.
Analog Input Protection
Internal protection diodes, which clamp the analog
input to VDD and AGND, allow the channel input pins to
swing from AGND - 0.3V to VDD + 0.3V without damage.
However, for accurate conversions near full scale, the
inputs must not exceed VDD by more than 50mV or be
lower than AGND by 50mV.
If the analog input exceeds 50mV beyond the sup-
plies, do not forward bias the protection diodes of off
channels over 2mA.
Quick Look
To quickly evaluate the MAX148/MAX149’s analog per-
formance, use the circuit of Figure 5. The MAX148/
MAX149 require a control byte to be written to DIN
before each conversion. Tying DIN to +3V feeds in
control bytes of $FF (HEX), which trigger single-ended
unipolar conversions on CH7 in external clock mode
without powering down between conversions. In external
clock mode, the SSTRB output pulses high for one clock
period before the most significant bit of the conversion
result is shifted out of DOUT. Varying the analog input to
CH7 will alter the sequence of bits from DOUT. A total of
15 clock cycles is required per conversion. All transitions
of the SSTRB and DOUT outputs occur on the falling
edge of SCLK.
Figure 5. Quick-Look Circuit
MAX148
MAX149
0.1µF
VDD
DGND
AGND
COM
SCLK
DIN
DOUT
SSTRB
+3V
N.C.
0.01µF
CH7
+3V
REFADJ
VREF
C1
0.1µF
0 TO
+2.500V
ANALOG
INPUT
OSCILLOSCOPE
CH1
CH2
CH3
CH4
*FULL-SCALE ANALOG INPUT, CONVERSION RESULT = $FFF (HEX)
OPTIONAL FOR MAX149,
REQUIRED FOR MAX148
+3V
2MHz
OSCILLATOR
SCLK
SSTRB
DOUT*
2.5V
1000pF
COMP
VOUT
+3V
MAX872
SHDN
CS


Similar Part No. - MAX148AMJP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148AMJP MAXIM-MAX148AMJP Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
More results

Similar Description - MAX148AMJP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com