Electronic Components Datasheet Search |
|
MAX295 Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
MAX295 Datasheet(HTML) 7 Page - Maxim Integrated Products |
7 / 10 page error on its respective poles, while the same mismatch in a ladder filter design will spread its error over all poles. The MAX291/MAX292/MAX295/MAX296 input impedance is effectively that of a switched-capacitor resistor (see equation below, and Table 1), and it is inversely proportion- al to frequency. The input impedance values determined below represent average input impedance, since the input current is not continuous. The input current flows in a series of pulses that charge the input capacitor every time the appropriate switch is closed. A good rule of thumb is that the driver’s input source resistance should be less than 10% of the filter’s input impedance. The input impedance of the filter can be estimated using the following formula: Z = 1 / (fCLK * C) where: fCLK = Clock Frequency The input impedance for various clock frequencies is given below: Clock-Signal Requirements The MAX291/MAX292/MAX295/MAX296 maximum rec- ommended clock frequency is 2.5MHz, producing a cutoff frequency of 25kHz for the MAX291/MAX292 and 50kHz for the MAX295/MAX296. The CLK pin can be driven by an external clock or by the internal oscillator with an exter- nal capacitor. For external clock applications, the clock circuitry has been designed to interface with +5V CMOS logic. Drive the CLK pin with a CMOS gate powered from 0V and +5V when using either a single +5V supply or dual +5V supplies. The MAX291/MAX292/MAX295/MAX296 supply current increases slightly (<3%) with increasing clock frequency over the clock range 100kHz to 1MHz. Varying the rate of an external clock will dynamically ad- just the corner frequency of the filter. Ideally, the MAX291/MAX292/MAX295/MAX296 should be clocked symmetrically (50% duty cycle). MAX291/ MAX292/MAX295/MAX296 can be operated with clock asymmetry of up to 60/40% (or 40/60%) if the clock remains HIGH and LOW for at least 200ns. For example, if the part has a maximum clock rate of 2.5MHz, then the clock should be high for at least 200ns, and low for at least 200ns. When using the internal oscillator, the capacitance (COSC) on the CLK pin determines the oscillator frequency: The stray capacitance at CLK should be minimized be- cause it will affect the internal oscillator frequency. ___________Application Information Power Supplies The MAX291/MAX292/MAX295/MAX296 operate from either dual or single power supplies. The dual-supply volt- age range is +2.375V to +5.500V. The ±2.5V dual supply is equivalent to single-supply operation (Figure 3). Minor per- formance degradation could occur due to the external resistor divider network, where the GND pin is biased to mid-supply. Input Signal Range The ideal input signal range is determined by observing at what voltage level the total harmonic distortion plus noise (THD + Noise) ratio is maximized for a given corner fre- quency. The Typical Operating Characteristics show the MAX291/MAX292/MAX295/MAX296 THD + Noise response as the input signal’s peak-to-peak amplitude is varied. Uncommitted Op Amp The uncommitted op amp has its noninverting input tied to the GND pin, and can be used to build a 1st- or 2nd- f kHz CpF OSC OSC () () ≈ 10 3 5 8th-Order, Lowpass, Switched-Capacitor Filters _______________________________________________________________________________________ 7 C2 R1 L1 L3 L5 L7 VIN C4 C6 C8 R2 VO Figure 2. 8th-Order Ladder Filter Network MAX29_ CLK 1 -1V to +4V INPUT SIGNAL RANGE 5 +5V OUTPUT 0V 6 3 4 +5V 0V 8 OUT GND V- V+ 7 2 OP OUT OP IN- IN 0.1 µF 10k 10k 0.1 µF Figure 3. +5V Single-Supply Operation Table 1. Input Impedance for Various Clock Frequencies 1000kHz (kΩ) 446 305 224 237 100kHz (MΩ) 4.46 3.05 2.24 2.37 10kHz (MΩ) 44.6 30.5 22.4 23.7 C (pF) MAX291 2.24 MAX292 3.28 PART MAX295 4.47 MAX296 4.22 Pin Configuration is 8-pin DIP. |
Similar Part No. - MAX295 |
|
Similar Description - MAX295 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |