Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX148ACAP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX148ACAP
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148ACAP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX148ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 9Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 10Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 11Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 12Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 13Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
10 _____________________________________________________________________________________
Table 1. Control-Byte Format
Table 2. Channel Selection in Single-Ended Mode (SGL/DIF = 1)
How to Start a Conversion
Start a conversion by clocking a control byte into DIN.
With CS low, each rising edge on SCLK clocks a bit from
DIN into the MAX148/MAX149’s internal shift register.
After CS falls, the first arriving logic “1” bit defines the
control byte’s MSB. Until this first “start” bit arrives, any
number of logic “0” bits can be clocked into DIN with no
effect. Table 1 shows the control-byte format.
The MAX148/MAX149 are compatible with SPI/QSPI and
MICROWIRE devices. For SPI, select the correct clock
polarity and sampling edge in the SPI control registers:
set CPOL = 0 and CPHA = 0. MICROWIRE, SPI, and
QSPI all transmit a byte and receive a byte at the same
time. Using the Typical Operating Circuit, the simplest
software interface requires only three 8-bit transfers to
perform a conversion (one 8-bit transfer to configure
the ADC, and two more 8-bit transfers to clock out the
conversion result). See Figure 20 for MAX148/ MAX149
QSPI connections.
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
START
SEL2
SEL1
SEL0
UNI/BIP
SGL//DIF
PD1
PD0
BIT
NAME
DESCRIPTION
7(MSB)
START
The first logic “1” bit after CS goes low defines the beginning of the control byte.
6
5
4
SEL2
SEL1
SEL0
These three bits select which of the eight channels are used for the conversion (Tables 2 and 3)
3
UNI/BIP
1 = unipolar, 0 = bipolar. Selects unipolar or bipolar conversion mode. In unipolar mode, an
analog input signal from 0 to VREF can be converted; in bipolar mode, the signal can range from
-VREF/2 to +VREF/2.
2
SGL/DIF
1 = single ended, 0 = differential. Selects single-ended or differential conversions. In single-
ended mode, input signal voltages are referred to COM. In differential mode, the voltage
difference between two channels is measured (Tables 2 and 3).
1
PD1
Selects clock and power-down modes.
0(LSB)
PD0
PD1
PD0
Mode
0
0
Full power-down
0
1
Fast power-down (MAX149 only)
1
0
Internal clock mode
1
1
External clock mode
SEL2
SEL1
SEL0
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
0
0
0
+
-
1
0
0
+
-
0
0
1
+
-
1
0
1
+
-
0
1
0
+
-
1
1
0
+
-
0
1
1
+
-
1
1
1
+
-


Similar Part No. - MAX148ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148ACAP MAXIM-MAX148ACAP Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148ACAP MAXIM-MAX148ACAP Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148ACAP++ MAXIM-MAX148ACAP+ Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148ACAP++ MAXIM-MAX148ACAP+ Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
More results

Similar Description - MAX148ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com