Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX148BCPP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX148BCPP
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148BCPP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX148BCPP Datasheet HTML 7Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 8Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 9Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 10Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 11Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 12Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 13Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 14Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
______________________________________________________________________________________ 11
Table 3. Channel Selection in Differential Mode (SGL/DIF = 0)
Figure 6. 24-Clock External Clock Mode Conversion Timing (MICROWIRE and SPI-Compatible, QSPI-Compatible with fSCLK P 2MHz)
Simple Software Interface
Make sure the CPU’s serial interface runs in master
mode so the CPU generates the serial clock. Choose a
clock frequency from 100kHz to 2MHz.
1) Set up the control byte for external clock mode and
call it TB1. TB1 should be of the format: 1XXXXX11
binary, where the Xs denote the particular channel
and conversion mode selected.
2) Use a general-purpose I/O line on the CPU to pull CS
low.
3) Transmit TB1 and, simultaneously, receive a byte
and call it RB1. Ignore RB1.
4) Transmit a byte of all zeros ($00 hex) and, simultane-
ously, receive byte RB2.
5) Transmit a byte of all zeros ($00 hex) and, simultane-
ously, receive byte RB3.
6) Pull CS high.
Figure 6 shows the timing for this sequence. Bytes RB2
and RB3 contain the result of the conversion, padded
with one leading zero, two sub-LSB bits, and three
trailing zeros. The total conversion time is a function of
the serial-clock frequency and the amount of idle time
between 8-bit transfers. To avoid excessive T/H droop,
make sure the total conversion time does not exceed
120Fs.
Digital Output
In unipolar input mode, the output is straight binary
(Figure 17). For bipolar input mode, the output is twos
complement (Figure 18). Data is clocked out at the fall-
ing edge of SCLK in MSB-first format.
Clock Modes
The MAX148/MAX149 may use either an external serial
clock or the internal clock to perform the successive-
approximation conversion. In both clock modes, the exter-
nal clock shifts data in and out of the MAX148/MAX149.
SEL2
SEL1
SEL0
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
0
0
0
+
-
0
0
1
+
-
0
1
0
+
-
0
1
1
+
-
1
0
0
-
+
1
0
1
-
+
1
1
0
-
+
1
1
1
-
+
1
4
8
12
16
20
24
START
SEL2 SEL1 SEL0
UNI/
BIP
SGL/
DIF
PD1 PD0
B9
MSB
B8
B7
B6
B5
B4
B3
B2
B1
S0
S1
B0
LSB
FILLED WITH
ZEROS
RB1
RB2
IDLE
CONVERSION
RB3
ACQUISITION
(fSCLK = 2MHz)
IDLE
1.5Fs
SCLK
tACQ
DIN
SSTRB
DOUT
A/D STATE
CS


Similar Part No. - MAX148BCPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148BCPP MAXIM-MAX148BCPP Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148BCPP MAXIM-MAX148BCPP Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148BCPP++ MAXIM-MAX148BCPP+ Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148BCPP++ MAXIM-MAX148BCPP+ Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
More results

Similar Description - MAX148BCPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com