Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM75BIM-5+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # LM75BIM-5+
Description  Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM75BIM-5+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  LM75BIM-5+ Datasheet HTML 1Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 2Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 3Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 4Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 5Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 6Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 7Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 8Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Digital Temperature Sensor and Thermal
Watchdog with 2-Wire Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS (Note 1)
ELECTRICAL CHARACTERISTICS
(+VS = +3.0V to +5.5V, unless otherwise noted. Temperature accuracy specifications apply for +VS = 3.3V for versions with “-3” in
the suffix and for +VS = 5V for versions with “-5” in the suffix. TA = -55°C to +125°C, unless otherwise noted. Typical values are at
+VS = +5V, TA = +25°C.) (Notes 4, 5)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
+VS to GND ...........................................................-0.3V to +6.0V
OS, SDA, SCL to GND...........................................-0.3V to +6.0V
All Other Pins to GND .................................-0.3V to (+VS + 0.3V)
Input Current at Any Pin (Note 2)..........................................5mA
Package Input Current (Note 2)..........................................20mA
OS Output Sink Current ......................................................10mA
Continuous Power Dissipation (TA = +70°C) (Note 3)
8-Pin µMAX (µSOP)
(derate 4.5mW/°C above +70°C) ..................................362mW
8-Pin SO (SOP) (derate 5.9mW/°C above +70°C) ........471mW
Junction-to-Case Thermal Resistance (
θJC) (Note 3)
8-Pin µMAX (µSOP) .......................................................42°C/W
8-Pin SO (SOP)..............................................................40°C/W
Junction-to-Ambient Thermal Resistance (
θJA) (Note 3)
8-Pin µMAX (µSOP) .....................................................221°C/W
8-Pin SO (SOP)............................................................170°C/W
ESD Protection
Human Body Model (RD = 1.5k
Ω, CS = 100pF)
All Pins to GND .................................................................±2kV
Operating Temperature Range .........................-55°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
-25°C
≤ TA ≤ +100°C
-2.0
+2.0
Accuracy (6
σ)
-55°C
≤ TA ≤ +125°C
-3.0
+3.0
°C
-25°C
≤ TA ≤ +100°C
-1.5
+1.5
Accuracy (3
σ) (Note 6)
-55°C
≤ TA ≤ +125°C
-2.0
+2.0
°C
Resolution
9
Bits
Temperature Conversion Time
(Note 7)
100
300
ms
I2C inactive
0.25
0.5
mA
Shutdown mode, +VS = 3V
4
Quiescent Supply Current
Shutdown mode, +VS = 5V
6
µA
+VS Supply Voltage Range
3.0
5.5
V
OS Output Saturation Voltage
IOUT = 4.0mA (Note 8)
0.8
V
OS Delay
(Note 9)
1
6
Conver-
sions
OS Output Fall Time
tOF
CL = 400pF, IO = 3mA (Note 10)
250
ns
TOS Default Temperature
(Note 11)
80
°C
THYST Default Temperature
(Note 11)
75
°C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifica-
tions do not apply when operating the device beyond its rated operating conditions.
Note 2: When the input voltage (VI) at any pin exceeds the Absolute Maximum limits (VI < GND, VI > 6V or VI > +VS), the current at
that pin should be limited to 5mA. The 20mA maximum package input current rating limits the number of pins that can safely
exceed the power supplies with an input current of 5mA to four.
Note 3: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a single-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.


Similar Part No. - LM75BIM-5+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM75BIM-5++ MAXIM-LM75BIM-5+ Datasheet
1Mb / 13P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
More results

Similar Description - LM75BIM-5+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
logo
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com