Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS9503 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS9503
Description  ESD Protection Diode with Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9503 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS9503 Datasheet HTML 1Page - Maxim Integrated Products DS9503 Datasheet HTML 2Page - Maxim Integrated Products DS9503 Datasheet HTML 3Page - Maxim Integrated Products DS9503 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS9503
3 of 4
ABSOLUTE MAXIMUM RATINGS*
Operating Temperature
–40°C to +85°C
Storage Temperature
–55°C to +125°C
Soldering Temperature
260°C for 10 seconds
Continuous DC Current Through Package
80 mA
 This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability
ELECTRICAL CHARACTERISTICS
(-40C to +85C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Leakage Current
IL
30
100
nA
1
Avalanche Voltage
VAV
7.4
11.05
V
2,3
Trigger Voltage
VTRIGGER
10
11
V
2, 4
Trigger Current
ITRIGGER
1000
mA
4
Holding Voltage
VHOLD
5.5
V
2,4
Holding Current
IHOLD
11
mA
4
Forward Voltage (-10 mA)
VF
-0.7
-0.8
V
5
Forward Current (-0.7V)
IF
-10
-100
mA
5
Maximum Peak Current
IPP
2.0
A
6
Continuous Current Through Diode
ICC
80
mA
Isolation Resistance
RI
5
CAPACITANCE
(tA=25C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Junction Capacitance (5V)
CJ5
40
pF
2
Junction Capacitance (0V)
CJ0
70
pF
2
THERMAL RESISTANCE
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Junction To Package
RJC
75
K/W
Junction To Ambient
RJA
200
K/W
NOTES:
1. At 7.0V.
2. All voltages are referenced from Cathode to Anode.
3. At 0.3
A.
4. Not production tested, guaranteed by design.
5. Typical values at room temperature.
6. See pulse specification.


Similar Part No. - DS9503

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9503 DALLAS-DS9503 Datasheet
68Kb / 3P
   ESD Protection Diode with Resistors
DS9503P DALLAS-DS9503P Datasheet
68Kb / 3P
   ESD Protection Diode with Resistors
More results

Similar Description - DS9503

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9503 DALLAS-DS9503 Datasheet
68Kb / 3P
   ESD Protection Diode with Resistors
logo
Nexperia B.V. All right...
IP4769CZ14 NEXPERIA-IP4769CZ14 Datasheet
233Kb / 12P
   VGA interface ESD protection with integrated termination resistors
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com