Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4393 Datasheet(PDF) 6 Page - RHOPOINT COMPONENTS

Part # 2N4393
Description  N-Channel Silicon Junction Field-Effect Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

2N4393 Datasheet(HTML) 6 Page - RHOPOINT COMPONENTS

Back Button 2N4393 Datasheet HTML 2Page - RHOPOINT COMPONENTS 2N4393 Datasheet HTML 3Page - RHOPOINT COMPONENTS 2N4393 Datasheet HTML 4Page - RHOPOINT COMPONENTS 2N4393 Datasheet HTML 5Page - RHOPOINT COMPONENTS 2N4393 Datasheet HTML 6Page - RHOPOINT COMPONENTS 2N4393 Datasheet HTML 7Page - RHOPOINT COMPONENTS 2N4393 Datasheet HTML 8Page - RHOPOINT COMPONENTS 2N4393 Datasheet HTML 9Page - RHOPOINT COMPONENTS 2N4393 Datasheet HTML 10Page - RHOPOINT COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
01/99
B-51
J111, J112, J113
N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 35 V
Continuous Forward Gate Current
50 mA
Continuous Device Power Dissipation
360 mW
Power Derating
3.27 mW/°C
TOÐ226AA Package
Dimensions in Inches (mm)
Pin Configuration
1 Drain, 2 Source, 3 Gate
Surface Mount
SMPJ111, SMPJ112, SMPJ113
At 25°C free air temperature
J111
J112
J113
Process NJ132
Static Electrical Characteristics
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 35
– 35
– 35
V
IG = – 1µA, VDS = ØV
Gate Reverse Current
IGSS
– 1– 1– 1
nA
VGS = – 15V, VDS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
– 3
– 10
– 1
– 5
– 3
V
VDS = 5V, ID = 1 µA
Drain Saturation Current (Pulsed)
IDSS
20
5
2
mA
VDS = 15V, VGS = ØV
Drain Cutoff Current
ID(OFF)
– 1– 1– 1
nA
VDS = 15V, VGS = – 10V
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
30
50
100
VGS = ØV, VDS = 0.1V
f = 1 kHz
Drain Gate Capacitance
Cdg
555
pF
VDS = ØV, VGS = – 10V
f = 1 MHz
Source Gate Capacitance
Cgs
555
pF
VDS = ØV, VGS = – 10V
f = 1 MHz
Drain Gate + Source Gate Capacitance
Cgd + Cgs
28
28
28
pF
VDS = VGS = ØV
f = 1 MHz
Switching Characteristics
Typ
Typ
Typ
Turn ON Delay Time
td(on)
777
ns
J111
J112
J113
Rise Time
tr
662
ns
VDD
10
10
10
V
Turn OFF Delay Time
td(off)
20
20
20
ns
VGS(OFF) – 12
– 7
– 5
V
Fall Time
tf
15
15
15
ns
RL
800
1600
3200
¥ Choppers
¥ Commutators
¥ Analog Switches
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-51


Similar Part No. - 2N4393

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4393 CALOGIC-2N4393 Datasheet
29Kb / 2P
   N-Channel JFET Switch
logo
Central Semiconductor C...
2N4393 CENTRAL-2N4393 Datasheet
536Kb / 2P
   N-CHANNEL SILICON JFET
logo
Linear Integrated Syste...
2N4393 LINEAR-2N4393 Datasheet
449Kb / 3P
   SINGLE N-CHANNEL JFET SWITCH
logo
Calogic, LLC
2N4393 CALOGIC-2N4393 Datasheet
35Kb / 2P
   N-Channel JFET Switch
logo
List of Unclassifed Man...
2N4393 ETC1-2N4393 Datasheet
43Kb / 1P
   N-Channel JFETs
More results

Similar Description - 2N4393

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
J112 INTERFET-J112 Datasheet
98Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N4856 INTERFET-2N4856 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N4416 INTERFET-2N4416 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com