Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4424N+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS4424N+
Description  Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4424N+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS4424N+ Datasheet HTML 3Page - Maxim Integrated Products DS4424N+ Datasheet HTML 4Page - Maxim Integrated Products DS4424N+ Datasheet HTML 5Page - Maxim Integrated Products DS4424N+ Datasheet HTML 6Page - Maxim Integrated Products DS4424N+ Datasheet HTML 7Page - Maxim Integrated Products DS4424N+ Datasheet HTML 8Page - Maxim Integrated Products DS4424N+ Datasheet HTML 9Page - Maxim Integrated Products DS4424N+ Datasheet HTML 10Page - Maxim Integrated Products DS4424N+ Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Two-/Four-Channel, I2C, 7-Bit Sink/Source
Current DAC
_______________________________________________________________________________________
9
Applications Information
Example Calculations
for an Adjustable Power Supply
In this example, the
Typical Operating Circuit is used
as a base to create Figure 3, a DC-DC output voltage
of 2.0V with ±20% margin. The adjustable power sup-
ply has a DC-DC converter output voltage, VOUT, of
2.0V and a DC-DC converter feedback voltage, VFB, of
0.8V. To determine the relationship of R0A and R0B,
start with the equation:
Substituting VFB = 0.8V and VOUT = 2.0V, the relation-
ship between R0A and R0B is determined to be:
R0A
≈ 1.5 x R0B
IOUT0 is chosen to be 100µA (midrange source/sink
current for the DS4422/DS4424). Summing the currents
into the feedback node produces the following:
IOUT0 = IR0B - IR0A
Where:
And:
To create a 20% margin in the supply voltage, the value
of VOUT is set to 2.4V. With these values in place, R0B
is calculated to be 2.67k
Ω, and R0A is calculated to be
4.00k
Ω. The current DAC in this configuration allows
the output voltage to be moved linearly from 1.6V to
2.4V using 127 settings. This corresponds to a resolu-
tion of 6.3mV/step.
VCC Decoupling
To achieve the best results when using the DS4422/
DS4424, decouple the power supply with a 0.01µF or
0.1µF capacitor. Use a high-quality ceramic surface-
mount capacitor if possible. Surface-mount compo-
nents minimize lead inductance, which improves
performance, and ceramic capacitors tend to have
adequate high-frequency response for decoupling
applications.
Power Rail Considerations
Given that the absolute maximum rating for the OUT
pins is VCC + 0.5V, it is recommended that the DS4424
power rail be brought up before or at the same time as
the power rail of the source it is controlling.
I
VV
R
R0A
OUT
FB
0A
=
I
V
R
R0B
FB
0B
=
V
R
RR
FB
0B
0A +
0B
OUT
=× V
DC-DC
CONVERTER
FB
OUT
SDA
SCL
A0
A1
OUT0
GND
*VOUT AND VFB VALUES ARE DETERMINED BY THE DC-DC CONVERTER AND SHOULD NOT BE CONFUSED WITH VOUT AND VRFS OF THE DS4422/DS4424.
RFS0 = 80k
Ω
4.7k
Ω
4.7k
Ω
VCC
VCC
VOUT* = 2.0V
VFB* = 0.8V
FS0
R0B= 2.67k
Ω
R0A = 4.00k
Ω
DS4422/
DS4424
I0A
I0B
IOUT0
Figure 3. Example Application Circuit


Similar Part No. - DS4424N+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4424N++ MAXIM-DS4424N+ Datasheet
222Kb / 10P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 3/08
DS4424N+TR MAXIM-DS4424N+TR Datasheet
222Kb / 10P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 3/08
More results

Similar Description - DS4424N+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4422 MAXIM-DS4422 Datasheet
222Kb / 10P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 3/08
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
DS4402 MAXIM-DS4402_09 Datasheet
163Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 3; 5/09
logo
Dallas Semiconductor
DS4402 DALLAS-DS4402 Datasheet
152Kb / 8P
   Two/Four-Channel, I2C Adjustable Current DAC
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402 Datasheet
154Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
logo
Nuvoton Technology Corp...
NCT3933U NUVOTON-NCT3933U Datasheet
819Kb / 24P
   3-Channel, SMBusTM, 7-Bit Sink/Source Current DAC
June, 2013 Revision A2
logo
Maxim Integrated Produc...
DS4412 MAXIM-DS4412_08 Datasheet
147Kb / 10P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 1; 10/08
DS4412 MAXIM-DS4412 Datasheet
137Kb / 9P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
logo
Analog Devices
AD5420 AD-AD5420 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com