Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4404N+TR Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS4404N+TR
Description  Two/Four-Channel, I2C Adjustable Current DAC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4404N+TR Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS4404N+TR Datasheet HTML 1Page - Maxim Integrated Products DS4404N+TR Datasheet HTML 2Page - Maxim Integrated Products DS4404N+TR Datasheet HTML 3Page - Maxim Integrated Products DS4404N+TR Datasheet HTML 4Page - Maxim Integrated Products DS4404N+TR Datasheet HTML 5Page - Maxim Integrated Products DS4404N+TR Datasheet HTML 6Page - Maxim Integrated Products DS4404N+TR Datasheet HTML 7Page - Maxim Integrated Products DS4404N+TR Datasheet HTML 8Page - Maxim Integrated Products DS4404N+TR Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Two/Four-Channel, I2C Adjustable Current DAC
4
______________________________________________________________________
VCC
VCC
RFS0
RFS1
RFS2
RFS3
SDA SCL
A1
A0
GND
FS0
FS1
OUT1
OUT0
CURRENT
DAC0
F8h
F9h
SOURCE OR
SINK MODE
FS2
OUT2
FS3
OUT3
CURRENT
DAC3
31-POSITIONS
EACH FOR SINK
AND SOURCE
MODE
FAh
FBh
DS4402/DS4404
DS4404
CURRENT
DAC1
CURRENT
DAC2
I2C-COMPATIBLE
SERIAL INTERFACE
Figure 1. Functional Diagram
Pin Description
PIN
DS4404
DS4402
NAME
FUNCTION
1
1
SDA
I2C Serial Data. Input/output for I2C data.
2
2
SCL
I2C Serial Clock. Input for I2C clock.
3
3
GND
Ground
4
FS3
5
FS2
6
6
FS1
7
7
FS0
Full-Scale Calibration Input. A resistor to ground on these pins determines the full-scale
current for each output. FS0 controls OUT0, FS1 controls OUT1, etc. (DS4402 has only
two inputs: FS0 and FS1.)
8
8
OUT0
10
10
OUT1
12
OUT2
14
OUT3
Current Output. Sinks or sources the current determined by the I2C interface and the
resistance connected to FSx. (DS4402 has only two outputs: OUT0 and OUT1.)
9, 11
9, 11
A0, A1
Address Select Inputs. Tri-level inputs (VCC, GND, N.C.) determine the I2C slave address.
See the Detailed Description section for the nine available device addresses.
13
13
VCC
Power Supply
4, 5, 12, 14
N.C.
No Connection
EP
Exposed Pad. Leave unconnected or connect to GND.


Similar Part No. - DS4404N+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4404N+TR MAXIM-DS4404N+TR Datasheet
154Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
More results

Similar Description - DS4404N+TR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS4402 DALLAS-DS4402 Datasheet
152Kb / 8P
   Two/Four-Channel, I2C Adjustable Current DAC
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402 Datasheet
154Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
DS4422 MAXIM-DS4422_09 Datasheet
215Kb / 11P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 1; 7/09
DS4422 MAXIM-DS4422 Datasheet
222Kb / 10P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 3/08
DS4412 MAXIM-DS4412_08 Datasheet
147Kb / 10P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 1; 10/08
DS4412 MAXIM-DS4412 Datasheet
137Kb / 9P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
logo
Analog Devices
ADAU1772 AD-ADAU1772 Datasheet
6Mb / 117P
   Four ADC, Two DAC Low Power Codec
ADAU1777 AD-ADAU1777_17 Datasheet
1Mb / 109P
   Four-ADC, Two-DAC, Low Power Codec
logo
Exar Corporation
XRP7620 EXAR-XRP7620 Datasheet
509Kb / 11P
   4-Channel Adjustable Current I2C Controlled LED Driver
logo
Maxim Integrated Produc...
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com