Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4402N+TR Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS4402N+TR
Description  Two/Four-Channel, I2C Adjustable Current DAC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4402N+TR Datasheet(HTML) 9 Page - Maxim Integrated Products

  DS4402N+TR Datasheet HTML 1Page - Maxim Integrated Products DS4402N+TR Datasheet HTML 2Page - Maxim Integrated Products DS4402N+TR Datasheet HTML 3Page - Maxim Integrated Products DS4402N+TR Datasheet HTML 4Page - Maxim Integrated Products DS4402N+TR Datasheet HTML 5Page - Maxim Integrated Products DS4402N+TR Datasheet HTML 6Page - Maxim Integrated Products DS4402N+TR Datasheet HTML 7Page - Maxim Integrated Products DS4402N+TR Datasheet HTML 8Page - Maxim Integrated Products DS4402N+TR Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Two/Four-Channel, I2C Adjustable Current DAC
Heaney
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 9
© 2009 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
is a registered trademark of Dallas Semiconductor Corporation.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
4/06
Initial release.
1
8/06
In the Features, corrected the operating range from 1.7V to 5.5V to 2.7V to 5.5V.
1
2
10/08
Added the I/O capacitance (CI/O) parameter to the DC Electrical Characteristics
table.
2
3
5/09
In the Output Current Characteristics table, added VOUT:SINK = 0.5V;
VOUT:SOURCE = VCC = 0.8V to the IOUT:FS conditions.
2


Similar Part No. - DS4402N+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4402N+TR MAXIM-DS4402N+TR Datasheet
154Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
More results

Similar Description - DS4402N+TR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS4402 DALLAS-DS4402 Datasheet
152Kb / 8P
   Two/Four-Channel, I2C Adjustable Current DAC
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402 Datasheet
154Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
DS4422 MAXIM-DS4422_09 Datasheet
215Kb / 11P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 1; 7/09
DS4422 MAXIM-DS4422 Datasheet
222Kb / 10P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 3/08
DS4412 MAXIM-DS4412_08 Datasheet
147Kb / 10P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 1; 10/08
DS4412 MAXIM-DS4412 Datasheet
137Kb / 9P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
logo
Analog Devices
ADAU1772 AD-ADAU1772 Datasheet
6Mb / 117P
   Four ADC, Two DAC Low Power Codec
ADAU1777 AD-ADAU1777_17 Datasheet
1Mb / 109P
   Four-ADC, Two-DAC, Low Power Codec
logo
Exar Corporation
XRP7620 EXAR-XRP7620 Datasheet
509Kb / 11P
   4-Channel Adjustable Current I2C Controlled LED Driver
logo
Maxim Integrated Produc...
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com