Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM2512 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # CHM2512
Description  Precision High Value Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

CHM2512 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  CHM2512 Datasheet HTML 1Page - RHOPOINT COMPONENTS CHM2512 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRT Resistor Technology
SRT Resistor Technology GmbH
Fon:
+49 (0)9103 / 7952-0
Ostlandstr. 31
Fax:
+49 (0)9103 / 5128
D-90556 Cadolzburg
E-mail:
info@srt-restech.de
Germany
Internet:
www.srt-restech.de
Precision High Value Chip Resistors
Type: CHM, CRM
Sizes: 0805, 1206, 1210, 2010, 2512, 4020
Features:
• Meander structured High Value Chip Resistors in Thickfilm
• Low temperature and voltage dependency
• High Working Voltage up to 3000 V
• Suitable for high vacuum applicatons – no organics
• High temperature application up to 300°C possible (CHM-HT)
• Non-magnetic (CHM only)
Contact areas:
• CHM: PtAg for conductive glueing and soldering (non-magnetic, high temp. appl.)
• CRM: Nickel-barrier / matte tin
Dimensions:
L = Length, B = Width, D = Thickness, C = Width of wrap around (in mm)
Packaging:
Bulk in plastic bags – minimum quantity 30 pieces per value
Blistertape acc. to IEC 60286-3 – minimum 500 pieces per value
Reel diameter 180 mm or 330 mm
Ordering Data:
Type – value – tolerance – TCR – packaging
Example: CHM 2512 10G
±10% TCR 100 Tape 180 mm
Not trimmed parts are indicated by the extension “NA” in the order code:
Type – value – tolerance – NA – TCR - packaging
Example: CHM 2512 10G
±10% NA TCR 100 Tape 180 mm
If no requirements for TCR and taping are given, the highest value in table will be supplied and
packaging is bulk. Standard measuring voltage is 10V, other measuring voltages on request.
Issue 07-2008
Size
L
B
D
C
0805
2.00
+0.15/-0.05
1.25
+0.15/-0.05
0.40
+0.15/-0.05
0.3
+0.2/-0.1
1206
3.20
+0.15/-0.05
1.50
+0.2/-0.05
0.40
+0.15/-0.05
0.3
+0.2/-0.1
1210
3.20
+0.15/-0.05
2.50
+0.2/-0.05
0.50
+0.15/-0.05
0.8
±0.2
2010
5,10
+0,15/-0,05
2,50
+0,2/-0,05
0,60
+0,20/-0,1
1,2
±0,2
2512
6.30
+0.15/-0.05
3.50
+0.2/-0.05
0.60
+0.15/-0.05
0.9
±0.2
4020
10.20
+0.20/-0.05
5.10
+0.2/-0.05
0.60
+0.20/-0.1
0.9
±0.2
L
B
C
D


Similar Part No. - CHM2512

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CHM2512 RIEDON-CHM2512 Datasheet
291Kb / 2P
   High Resistance / Thick Film Chip Resistors
CHM251210GOHMS RIEDON-CHM251210GOHMS Datasheet
291Kb / 2P
   High Resistance / Thick Film Chip Resistors
More results

Similar Description - CHM2512

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
SRH2512H-1003-KB RCD-SRH2512H-1003-KB Datasheet
56Kb / 1P
   PRECISION HIGH VOLTAGE/ HIGH VALUE CHIP RESISTORS
logo
Welwyn Components Limit...
3810 WELWYN-3810 Datasheet
395Kb / 2P
   Ultra-High Value Precision Resistors
logo
TT Electronics.
3810 TTELEC-3810_17 Datasheet
725Kb / 2P
   Ultra-High Value Precision Resistors
logo
RHOPOINT COMPONENTS
CHS0402 RHOPOINT-CHS0402 Datasheet
47Kb / 2P
   High-Value Chip Resistors
logo
Vishay Siliconix
RMK55N VISHAY-RMK55N_15 Datasheet
88Kb / 4P
   Wirebondable High Precision Single Value Thin Film Chip Resistors
Revision: 26-Mar-13
logo
American Accurate Compo...
CRH10107KM AAC-CRH10107KM_17 Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
logo
UNIOHM CORPORATION
RP25 UNIOHM-RP25 Datasheet
2Mb / 7P
   High Precision Chip Resistors
logo
Bourns Electronic Solut...
CRP1206-LF BOURNS-CRP1206-LF Datasheet
286Kb / 2P
   High precision chip resistors
logo
List of Unclassifed Man...
AR01 ETC-AR01 Datasheet
1Mb / 2P
   HIGH PRECISION CHIP RESISTORS
logo
Bourns Electronic Solut...
CRP0603-LF BOURNS-CRP0603-LF Datasheet
259Kb / 2P
   High precision chip resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com