Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3101GN Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS3101GN
Description  Stratum 2/3E/3 Timing Card IC
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3101GN Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS3101GN Datasheet HTML 4Page - Maxim Integrated Products DS3101GN Datasheet HTML 5Page - Maxim Integrated Products DS3101GN Datasheet HTML 6Page - Maxim Integrated Products DS3101GN Datasheet HTML 7Page - Maxim Integrated Products DS3101GN Datasheet HTML 8Page - Maxim Integrated Products DS3101GN Datasheet HTML 9Page - Maxim Integrated Products DS3101GN Datasheet HTML 10Page - Maxim Integrated Products DS3101GN Datasheet HTML 11Page - Maxim Integrated Products DS3101GN Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 150 page
background image
DS3101
19-4596; Rev 4; 5/09
8 of 150
3.
APPLICATION EXAMPLE
Figure 3-1. Typical Application Example
4.
DETAILED DESCRIPTION
Figure 2-1 illustrates the blocks described in this section and how they relate to one another. Section 5 provides a
detailed feature list.
The DS3101 is a highly integrated timing card IC for systems with SONET/SDH ports. At the core of this device are
two digital phase-locked loops (DPLLs) labeled T0 and T4
1. DPLL technology makes uses of digital-signal
processing (DSP) and digital-frequency synthesis (DFS) techniques to implement PLLs that are precise, flexible,
and have consistent performance over voltage, temperature, and manufacturing process variations. The DS3101’s
DPLLs are digitally configurable for input and output frequencies, loop bandwidth, damping factor, pull-in/hold-in
range, and a variety of other factors. Both DPLLs can directly lock to many common telecom frequencies and also
can lock at 8kHz to any multiple of 8kHz up to 155.52MHz. The DPLLs can also tolerate and filter significant
amounts of jitter and wander.
1
These names are adapted from output ports of the SETS function specified in ITU and ETSI standards such as ETSI EN 300 462-2-1.
DS3100
to BITS/SSU
TCXO or
OCXO
Monitor,
Divider,
Selector
T4 DPLL
T4 APLL
BITS
Tx
BITS
Tx
T0 DPLL
Monitor,
Divider,
Selector
BITS
Rx
BITS
Rx
micro
controller
Timing Card (1 of 2)
Backplane
DS1, E1 or
2048 kHz
DS1, E1 or
2048 kHz
from BITS/SSU
Timing Card (2 of 2)
Identical to Timing Card 1
T0 APLL
Line Card (1 of N)
Line Card (N of N)
<N>
<N>
<N>
<N>
<1>
<1>
<1>
<1>
N
typically 19.44 MHz
point-to-point
or multidrop buses
create derived DS1 or E1/2048
kHz clock from 19.44 MHz
frequency locked to line clock
create DS1/E1 frames, insert
SSMs, transmit DS1, E1 or
2048 kHz sync signal
activty and frequency
monitoring, select highest
priority valid input
clock/data recovery,
equalizer, framer,
extract SSMs
Stratum 2, 3E, or 3:
jitter/wander filtering,
hitless switching,
phase adjust,
holdover
divide line clock down
to backplane rate,
send to timing cards
select best system clock,
hitless switching,
basic holdover
DPLL
APLL
clock
multiplication,
jitter cleanup
to port SERDES
N
<0>
N
N
<0>


Similar Part No. - DS3101GN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3101GN DALLAS-DS3101GN Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
DS3101GN++ DALLAS-DS3101GN+ Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
More results

Similar Description - DS3101GN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3100 MAXIM-DS3100_09 Datasheet
1Mb / 227P
   Stratum 2/3E/3 Timing Card IC
Rev 9; 5/09
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
   Stratum 3/3E Timing Card IC
REV: 060607
logo
Dallas Semiconductor
DS3101 DALLAS-DS3101 Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
STC3800 CONNOR-WINFIELD-STC3800 Datasheet
523Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
STC3800 CONNOR-WINFIELD-STC3800_15 Datasheet
530Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
logo
Semtech Corporation
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Maxim Integrated Produc...
DS3100DK MAXIM-DS3100DK Datasheet
2Mb / 32P
   Stratum 3/E3 Timing Card IC Demo Kit
REV: 110206
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com