Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2745U+TR Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS2745U+TR
Description  Low-Cost I2C Battery Monitor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2745U+TR Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS2745U+TR Datasheet HTML 1Page - Maxim Integrated Products DS2745U+TR Datasheet HTML 2Page - Maxim Integrated Products DS2745U+TR Datasheet HTML 3Page - Maxim Integrated Products DS2745U+TR Datasheet HTML 4Page - Maxim Integrated Products DS2745U+TR Datasheet HTML 5Page - Maxim Integrated Products DS2745U+TR Datasheet HTML 6Page - Maxim Integrated Products DS2745U+TR Datasheet HTML 7Page - Maxim Integrated Products DS2745U+TR Datasheet HTML 8Page - Maxim Integrated Products DS2745U+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DS2745 Low-Cost I
2C Battery Monitor
PIN DESCRIPTION
PIN
SYMBOL
FUNCTION
1
SCL
Serial Clock Input.
2-Wire clock line. Input only. Connect this pin to the CLOCK
terminal of the battery pack. Pin has an internal pulldown (IPD) for sensing
disconnection.
2
SDA
Serial Data Input/Output.
2-Wire data line. Open-drain output driver. Connect this pin
to the DATA terminal of the battery pack. Pin has an internal pulldown (IPD) for sensing
disconnection.
3
PIO
General Purpose Input/Output.
Open-drain output driver with input sense. Connect
to a pull up resistor for bidirectional operation.
4
SNS
Sense Resistor Connection.
Connect to the negative terminal of the battery pack.
Connect the sense resistor between VSS and SNS.
5
VSS
Device Ground.
Connect to the negative terminal of the Li+ cell outside the cell
protection FETs. Connect the sense resistor between VSS and SNS.
6
CTG
Connect to Ground.
Connect to the negative terminal of the Li+ cell outside the cell
protection FETs.
7
VIN
Voltage Sense Input.
The voltage of the Li+ cell is monitored through this input pin.
8
VDD
Power-Supply Input.
Connect to the positive terminal of the Li+ cell through a
decoupling network.
Figure 2. BLOCK DIAGRAM
5 of 15


Similar Part No. - DS2745U+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2745U++ MAXIM-DS2745U+ Datasheet
223Kb / 14P
   Low-Cost I2C Battery Monitor
091405
DS2745U+/R MAXIM-DS2745U+/R Datasheet
223Kb / 14P
   Low-Cost I2C Battery Monitor
091405
DS2745U+/T MAXIM-DS2745U+/T Datasheet
223Kb / 14P
   Low-Cost I2C Battery Monitor
091405
More results

Similar Description - DS2745U+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2745 MAXIM-DS2745 Datasheet
223Kb / 14P
   Low-Cost I2C Battery Monitor
091405
DS2745EVKIT MAXIM-DS2745EVKIT Datasheet
150Kb / 11P
   Low-Cost I2C Battery Monitor Evaluation Kit
Rev 11/09
logo
STMicroelectronics
STV9118 STMICROELECTRONICS-STV9118 Datasheet
577Kb / 46P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9109A STMICROELECTRONICS-TDA9109A Datasheet
509Kb / 47P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9112 STMICROELECTRONICS-TDA9112 Datasheet
621Kb / 51P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9113 STMICROELECTRONICS-TDA9113 Datasheet
582Kb / 50P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9115 STMICROELECTRONICS-TDA9115 Datasheet
579Kb / 45P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
August 2001
STV6886 STMICROELECTRONICS-STV6886 Datasheet
486Kb / 43P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9111 STMICROELECTRONICS-TDA9111 Datasheet
493Kb / 43P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9116 STMICROELECTRONICS-TDA9116 Datasheet
725Kb / 47P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com