Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V110B15C150BF Datasheet(PDF) 9 Page - Vicor Corporation

Part # V110B15C150BF
Description  110V Input Mini Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V110B15C150BF Datasheet(HTML) 9 Page - Vicor Corporation

Back Button V110B15C150BF Datasheet HTML 5Page - Vicor Corporation V110B15C150BF Datasheet HTML 6Page - Vicor Corporation V110B15C150BF Datasheet HTML 7Page - Vicor Corporation V110B15C150BF Datasheet HTML 8Page - Vicor Corporation V110B15C150BF Datasheet HTML 9Page - Vicor Corporation V110B15C150BF Datasheet HTML 10Page - Vicor Corporation V110B15C150BF Datasheet HTML 11Page - Vicor Corporation V110B15C150BF Datasheet HTML 12Page - Vicor Corporation V110B15C150BF Datasheet HTML 13Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
110V Mini Family
Rev. 2.3
Page 9 of 13
Set your site on VICOR at vicorpower.com
Output Voltage Programming
The output voltage of the converter can be adjusted or
programmed via fixed resistors, potentiometers or voltage
DACs. See Figures 7 and 8.
Figure 8 — Output voltage trim up circuit.
Figure 7 — Output voltage trim down circuit.
RD (ohms) =
1,000 Vout
Vnom - Vout
RU
Trim Up
Load
+Out
+S
SC
–S
–Out
Error
Amp
1k
Ω
1.23V
0.033
μF
RD
Trim Down
Load
+Out
+S
SC
–S
–Out
Error
Amp
1k
Ω
1.23V
0.033
μF
Trim Down
1. This converter is not a constant power device – it has a
constant current limit. Hence, available output power is
reduced by the same percentage that output voltage is
trimmed down. Do not exceed maximum rated output
current.
2. The trim down resistor must be connected to the –Sense pin.
Trim Up
1. The converter is rated for a maximum delivered power. To
ensure that maximum rated power is not exceeded, reduce
maximum output current by the same percentage increase in
output voltage.
2. The trim up resistor must be connected to the +Sense pin.
3. Do not trim the converter above maximum trim range
(typically +10%) or the output over voltage protection
circuitry may be activated.
RU (ohms) =
1,000 (Vout-1.23) Vnom
–1,000
1.23 (Vout-Vnom)
CONTROL FUNCTIONS - SC PIN
Trim resistor values calculated automatically:
On-line calculators for trim resistor values are available
on the vicor website at: vicorpower.com/tools.
Resistor values can be calculated for fixed trim up,
fixed trim down and for variable trim up or down.
In addition to trimming information, the web site and
the Applications Manual also include design tips,
applications circuits, EMC suggestions, thermal design
guidelines and PDF data sheets for all available Vicor
products.


Similar Part No. - V110B15C150BF

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110B24C200BL VICOR-V110B24C200BL Datasheet
607Kb / 14P
   DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL_16 Datasheet
607Kb / 14P
   DC-DC Converter Module
V110B24T200BG VICOR-V110B24T200BG Datasheet
811Kb / 13P
   DC input range 66 ??154 V (continuous)
More results

Similar Description - V110B15C150BF

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V72B24C250BL VICOR-V72B24C250BL Datasheet
598Kb / 11P
   72V Input Mini Family DC-DC Converter Module
V150B24C250BL VICOR-V150B24C250BL Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V28B28C150BL VICOR-V28B28C150BL Datasheet
769Kb / 11P
   Mini Family 28V Wide Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com