Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1391U-33+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1391U-33+
Description  Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1391U-33+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1391U-33+ Datasheet HTML 7Page - Maxim Integrated Products DS1391U-33+ Datasheet HTML 8Page - Maxim Integrated Products DS1391U-33+ Datasheet HTML 9Page - Maxim Integrated Products DS1391U-33+ Datasheet HTML 10Page - Maxim Integrated Products DS1391U-33+ Datasheet HTML 11Page - Maxim Integrated Products DS1391U-33+ Datasheet HTML 12Page - Maxim Integrated Products DS1391U-33+ Datasheet HTML 13Page - Maxim Integrated Products DS1391U-33+ Datasheet HTML 14Page - Maxim Integrated Products DS1391U-33+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Low-Voltage SPI/3-Wire RTCs with
Trickle Charger
____________________________________________________________________
11
Pin Description
PIN
DS1390/
DS1394
DS1391
DS1392
DS1393
NAME
FUNCTION
1
1
1
1
X1
2
2
2
2
X2
Connections for Standard 32.768kHz Quartz Crystal. The internal oscillator
circuitry is designed for operation with a crystal having a 6pF specified load
capacitance (CL). Pin X1 is the input to the oscillator and can optionally be
connected to an external 32.768kHz oscillator. The output of the internal
oscillator, pin X2, is floated if an external oscillator is connected to pin X1.
3
3
3
3
VBACKUP
DC Backup Power Input for Primary Cell. This pin is a rechargeable
battery/super cap or a secondary supply. UL recognized to ensure against
reverse charging current when used with a lithium battery (www.maxim-
ic.com/qa/info/w/). This pin must be grounded if not used. Diodes in series
between the battery and the VBACKUP pin may prevent proper operation.
4
4
CS
SPI Chip-Select Input. This pin is used to select or deselect the part.
4
4
CE
Chip Enable for 3-Wire Interface
5
5
5
5
GND
Ground
6
6
DIN
SPI Data Input. This pin is used to shift address and data into the part.
6
INT
Interrupt Output. This pin is used to output the interrupt signal, if enabled by
the control register. The maximum voltage on this pin is 5.5V, independent
of VCC or VBACKUP. If enabled,
INT functions when the device is powered
by either VCC or VBACKUP.
9
6
RST
Reset. This active-low, open-drain output indicates the status of VCC relative
to the VPF specification. As Vcc falls below VPF, the
RST pin is driven low.
When Vcc exceeds VPF, for tRST, the
RST pin is driven high impedance.
This pin is combined with a debounced pushbutton input function. This pin
can be activated by a pushbutton reset request. This pin has an internal,
50k
(typ) pullup resistor to VCC. No external pullup resistors should be
connected. If the crystal oscillator is disabled, the startup time of the
oscillator is added to the tRST delay.
7
7
DOUT
SPI Data Output. Data is output on this pin when the part is in read mode.
CMOS push-pull driver.
7
7
I/O
Input/Output for 3-Wire Interface. CMOS push-pull driver.
8
8
8
8
SCLK
Serial Clock Input. This pin is used to control the timing of data into and out
of the part.
9
9
SQW/
INT
Square-Wave/Interrupt Output. This pin is used to output the programmable
square wave or interrupt signal. When enabled by setting the
ESQW bit to
logic 1, the SQW/
INT pin outputs one of four frequencies: 32.768kHz,
8.192kHz, 4.096kHz, or 1Hz. This pin is open drain and requires an external
pullup resistor. The maximum voltage on this pin is 5.5V, independent of
VCC or VBACKUP. If enabled, SQW/
INT functions when the device is powered
by either VCC or VBACKUP. If not used, this pin can be left open.
9
SQW
Square-Wave Output. This pin is open drain and requires an external pullup
resistor. The maximum voltage on this pin is 5.5V, independent of VCC or
VBACKUP. If enabled, SQW functions when the device is powered by either
VCC or VBACKUP. If not used, this pin can be left open.
10
10
10
10
VCC
DC Power Pin for Primary Power Supply


Similar Part No. - DS1391U-33+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1391U-33++ MAXIM-DS1391U-33+ Datasheet
380Kb / 25P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 1; 1/07
More results

Similar Description - DS1391U-33+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
DS1390 MAXIM-DS1390_07 Datasheet
380Kb / 25P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 1; 1/07
DS12R885 MAXIM-DS12R885_10 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
DS1343_1112 MAXIM-DS1343_1112 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1343 MAXIM-DS1343 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs Low Timekeeping Current of 250nA (typ)
Rev 0; 3/11
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com