Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF8057S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8057S
Description  10/100BX Module for Multi-port Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8057S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8057S Datasheet HTML 1Page - PCA ELECTRONICS INC. EPF8057S Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
1.110
.470
.235
.950
.005
.050
.620
.016
.008
.085
.025
Min.
1.130
.490
.255
Typ.
.015
Typ.
.640
.022.
.012
Typ.
.045
Max.
.030
.050
.090
.670
Nom.
(Inches)
(Millimeters)
28.19
11.94
5.97
24.13
.127
1.27
15.75
.406
.203
2.16
.635
Min.
28.70
12.45
6.48
Typ.
.381
Typ.
16.26
.559
.305
Typ.
1.14
Max.
.762
1.27
2.29
17.02
Nom.
Electrical Parameters @ 25° C
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
(1) When measured with Baluns having lower Cut-off Frequency of 10 KHz
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Crosstalk (dB Min.)
[Between Channels]
Return Loss
(dB Min.)
100
KHz (1)
30-100
MHz
200-300
MHz
400-500
MHz
100
MHz
5-10
MHz
1-100
MHz
150
MHz
5-10
MHz
1-60
MHz
100
MHz
Xmit
Rcv Xmit
Rcv Xmit Rcv Xmit
Rcv Xmit
Rcv Xmit
Rcv Xmit
Rcv Xmit Rcv Xmit
Rcv
OCL
@ 70°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350µH
Cable Side
-0.5
-1
-18
-2
-18
-10
-35
-30
-40
-20
-15
-0.5
-1
-18
-2
-18
-10
-35
-20
-15
10/100BX Module for
Multi-port Applications
• Optimized for DP83840A/Twister combination •
• Applicable with ICS1890 series, SSI TSC78Q2120 transceivers •
Also recommended for ML6673 (with appropriate circuitry)
• Guaranteed to operate with 8 mA DC bias at 70°C •
• Complies with or exceeds IEEE 802.3, 10BT/100 BX standards •
EPF8057S
Dimensions
Package
Schematic
E L E C T R O N I C S I N C .
F
Solder Pad Layout
PCA
EPF8057S
Date Code
B
Q
N
M
P
1
20
21
40
C
L
I
G
E
D
H
A
Transmit Channel
5(16)
0.5 : 1
38(27)
39(28)
3(14)
2(13)
1(12)
40(29)
4(15)
100BX
10BT
1 : 1
9(20)
8(19)
33(22)
34(23)
32(21)
7(18)
1 : 1
Receive Channel
CSF8057Sa
Rev. 2
5/22/97
K
(J)
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pcainc.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
(10 BT)
(100 BX)


Similar Part No. - EPF8057S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8057SM PCA-EPF8057SM Datasheet
54Kb / 1P
   100BX Module for Multi-port Applications
More results

Similar Description - EPF8057S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8057SM PCA-EPF8057SM Datasheet
54Kb / 1P
   100BX Module for Multi-port Applications
EPF8075S PCA-EPF8075S Datasheet
33Kb / 1P
   100BX Module for Multi-port Applications
EPF8105S PCA-EPF8105S Datasheet
75Kb / 1P
   10/100Base-TX Module for Multi-Port Applications
EPF8066SM PCA-EPF8066SM Datasheet
81Kb / 1P
   10/100Base-TX Module for Multi-Port Applications
EPF8130S PCA-EPF8130S Datasheet
79Kb / 1P
   10/100Base-TX Module for Multi-Port Applications
EPF8162S PCA-EPF8162S Datasheet
80Kb / 1P
   10/100Base-TX Module for Multi-Port Applications
EPF8159S PCA-EPF8159S Datasheet
79Kb / 1P
   10/100Base-TX Module for Multi-Port Applications
EPF8079SM PCA-EPF8079SM Datasheet
26Kb / 1P
   10/100Base-TX Module for Multi-Port Applications
EPF8032S PCA-EPF8032S Datasheet
64Kb / 2P
   100BX Module for Multi-port Application with Enhanced Common Mode Attenuation
EPF8038S PCA-EPF8038S Datasheet
39Kb / 1P
   100BX Module for Multi-port Application with Enhanced Common Mode Attenuation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com