Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS33M33 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS33M33
Description  Ethernet Over SONET/SDH Mapper
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS33M33 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS33M33 Datasheet HTML 2Page - Maxim Integrated Products DS33M33 Datasheet HTML 3Page - Maxim Integrated Products DS33M33 Datasheet HTML 4Page - Maxim Integrated Products DS33M33 Datasheet HTML 5Page - Maxim Integrated Products DS33M33 Datasheet HTML 6Page - Maxim Integrated Products DS33M33 Datasheet HTML 7Page - Maxim Integrated Products DS33M33 Datasheet HTML 8Page - Maxim Integrated Products DS33M33 Datasheet HTML 9Page - Maxim Integrated Products DS33M33 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
___________________________________________________ DS33M30/M31/M33 ABRIDGED DATA SHEET
Rev: 111908
6 of 20
Manual or automatic one-second update of performance monitoring counters
Single reference clock for all data rates using internal clock rate adapter (CLAD)
Detection of loss of transmit clock and loss of receive clock
Supports two packages:
10mm, 144-pin CSBGA Package (DS33M30)
17mm, 256-pin CSBGA Package (DS33M31/DS33M33)
1.8V, 2.5V, 3.3V supplies
IEEE 1149.1 JTAG boundary scan
Software access to device ID and silicon revision
Development support includes evaluation kit, driver source code, and reference designs
1.2
TDM Feature Overview
Figure 1-1 describes the TDM side feature.
Figure 1-1. TDM Functional Blocks
STS-3
Section/Line
Termination
STS-3
Section/Line
Termination
M
U
X
STS-3 Path
Termination
(VC-4)
STS-1 Path
Termination
(VC-3)
M
U
X
DS3/E3
MAPPER
M
U
X
DS3/E3
Desync
Add/Drop
DS3/E3
Framer
Line
DS3/E3
Framer
EoPoS
EoS (VC-3/STS-1)
SERDES
SERDES
EoS (VC-4/STS-3c)
Line DS3/E3 side
B3ZS/
HDB3
line coder
M
U
X
to
Encapsulated
Ethernet
STS-3/STM-1
Side
Drop Direction
Add Direction
Supports M23 DS3, C-bit DS3, G.751 E3, and G.832 E3 facilities
Mapping/demapping of three DS3/E3 tributaries to/from STS-3/STM-1 through STS-1 or AU-3 or TU-3/AU-4
Fully integrated and compliant DS3/E3 mapper/demapper and synchronizers/desynchronizers per
Telcordia, ANSI, and ITU standards
High speed DS3/E3/STS-1/STS-3 overhead insertion/extraction with full access to all overhead bytes
Full-featured DS3/E3/STS-1/STS-3 defect and performance monitoring (PM) support Large PM counters
for accumulation intervals up to one second
Loopback capabilities at both STS-3/STM-1 side and line DS3/E3 side
Dual STS-3/STM-1 155.52Mbps serial interfaces with receive clock recovery and transmit clock synthesis
From a single reference clock the CLAD (cLock rate adapter) generates clock references for DS3
(44.736MHz), E3 (34.368MHz), and/or STS-3/STM-1 reference (77.76/19.44MHz)


Similar Part No. - DS33M33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS33M33 MAXIM-DS33M33 Datasheet
424Kb / 20P
   Ethernet Over SONET/SDH Mapper
Rev: 101508
DS33M33 MAXIM-DS33M33 Datasheet
1Mb / 47P
   Includes Optical SFP Module for SONET/SDH Interface
Rev: 102108
DS33M33DK MAXIM-DS33M33DK Datasheet
1Mb / 47P
   Includes Optical SFP Module for SONET/SDH Interface
Rev: 102108
DS33M33N MAXIM-DS33M33N Datasheet
424Kb / 20P
   Ethernet Over SONET/SDH Mapper
Rev: 101508
DS33M33N++ MAXIM-DS33M33N+ Datasheet
448Kb / 21P
   Ethernet Over SONET/SDH Mapper
Rev 1; 010809
More results

Similar Description - DS33M33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30 Datasheet
424Kb / 20P
   Ethernet Over SONET/SDH Mapper
Rev: 101508
DS33M30 MAXIM-DS33M30_V01 Datasheet
448Kb / 21P
   Ethernet Over SONET/SDH Mapper
Rev 1; 010809
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43_06 Datasheet
3Mb / 328P
   SONET/SDH OC-12 TO 12XDS3/E3 MAPPER
logo
Vitesse Semiconductor C...
VSC9128 VITESSE-VSC9128 Datasheet
492Kb / 2P
   Enhanced 2.5,10 Gbps Multiservice SONET/SDH VC Mapper
logo
Applied Micro Circuits ...
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
   STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
NIHON DEMPA KOGYO
NY13M09WA NDK-NY13M09WA Datasheet
675Kb / 1P
   Optical communication equipment (SONET, SDH, Ethernet)
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_08 Datasheet
1Mb / 271P
   28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
   STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
Zarlink Semiconductor I...
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com