Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU323Z Datasheet(PDF) 5 Page - Motorola, Inc

Part # BU323Z
Description  AUTOPROTECTED DARLINGTON 10 AMPERES 360-450 VOLTS CLAMP 150 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BU323Z Datasheet(HTML) 5 Page - Motorola, Inc

  BU323Z Datasheet HTML 1Page - Motorola, Inc BU323Z Datasheet HTML 2Page - Motorola, Inc BU323Z Datasheet HTML 3Page - Motorola, Inc BU323Z Datasheet HTML 4Page - Motorola, Inc BU323Z Datasheet HTML 5Page - Motorola, Inc BU323Z Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BU323Z
5
Motorola Bipolar Power Transistor Device Data
Figure 5. DC Current Gain
IC, COLLECTOR CURRENT (MILLIAMPS)
10000
1000
100
10
100
1000
10000
TJ = 125°C
25
°C
–40
°C
VCE = 1.5 V
Figure 6. DC Current Gain
IC, COLLECTOR CURRENT (MILLIAMPS)
100000
1000
100
10
100
1000
10000
TYPICAL
VCE = 5 V, TJ = 25°C
10000
TYP + 6
Σ
TYP – 6
Σ
Figure 7. Collector Saturation Region
IB, BASE CURRENT (AMPS)
100
10
1
0
2.5
4.0
5.0
TJ = 25°C
IC = 3 A
4.5
2.0
3.5
3.0
1.0
0.5
1.5
5 A
7 A
8 A
10 A
Figure 8. Collector–Emitter Saturation Voltage
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.4
1.4
2.0
2.4
2.2
1.2
1.8
1.6
0.8
0.6
1.0
TJ = 125°C
25
°C
IC/IB = 150
Figure 9. Base–Emitter Saturation Voltage
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.8
1.8
2.0
1.4
1.6
1.2
1.0
Figure 10. Base–Emitter “ON” Voltages
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.6
1.4
1.8
2.0
1.2
1.6
0.8
1.0
IC/IB = 150
TJ = 25°C
125
°C
VCE = 2 VOLTS
TJ = 25°C
125
°C


Similar Part No. - BU323Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BU323Z ONSEMI-BU323Z Datasheet
164Kb / 6P
   AUTOPROTECTED DARLINGTON 10 AMPERES 360-450 VOLTS CLAMP 150 WATTS
1996 REV 8
BU323Z ONSEMI-BU323Z Datasheet
142Kb / 7P
   NPN Silicon Power Darlington High Voltage Autoprotected
March, 2006 ??Rev. 12
BU323Z ONSEMI-BU323Z Datasheet
178Kb / 6P
   NPN Silicon Power Darlington
October, 2009 ??Rev. 14
BU323Z ONSEMI-BU323Z Datasheet
132Kb / 8P
   NPN Silicon Power Darlington
May, 2012 ??Rev. 16
logo
Inchange Semiconductor ...
BU323Z ISC-BU323Z Datasheet
291Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Similar Description - BU323Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BU323Z ONSEMI-BU323Z Datasheet
164Kb / 6P
   AUTOPROTECTED DARLINGTON 10 AMPERES 360-450 VOLTS CLAMP 150 WATTS
1996 REV 8
logo
Motorola, Inc
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
   7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
BUT11AF MOTOROLA-BUT11AF Datasheet
120Kb / 6P
   POWER TRANSISTOR 5.0 AMPERES 450 VOLTS 40 WATTS
MJE18009 MOTOROLA-MJE18009 Datasheet
433Kb / 10P
   POWER TRANSISTORS 10 AMPERES 1000 VOLTS 50 and 150 WATTS
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
   NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
MJW16212 MOTOROLA-MJW16212 Datasheet
291Kb / 8P
   POWER TRANSISTOR 10 AMPERES 1500 VOLTS - VCES 50 AND 150 WATTS
logo
Powerex Power Semicondu...
KS221K15 POWEREX-KS221K15 Datasheet
393Kb / 4P
   Single Darlington Transistor Module (150 Amperes/1000 Volts)
KD324515 POWEREX-KD324515 Datasheet
428Kb / 4P
   Dual Darlington Transistor Module (150 Amperes/600 Volts)
KD421K15 POWEREX-KD421K15 Datasheet
402Kb / 4P
   Dual Darlington Transistor Module (150 Amperes/1000 Volts)
KS224515 POWEREX-KS224515 Datasheet
480Kb / 4P
   Single Darlington Transistor Module (150 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com