Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FG6000AU-120D Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # FG6000AU-120D
Description  HIGH POWER INVERTER USE PRESS PACK TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FG6000AU-120D Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FG6000AU-120D Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FG6000AU-120D Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FG6000AU-120D Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FG6000AU-120D Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aug.1998
0
5
10
15
20
25
–40
0
40
80
120
160
VD = 24V
RL = 0.1
IGT
VGT
0
4
6
2
8
0
40
80
120
160
200
tgt
td
IT = 6000A
VD = 3000V
diT/dt = 500A/
µs
diG/dt = 30A/
µs
CS = 6.0
µF
RS = 5.0
Tj = 125°C
0
2000
4000
6000
8000
10000
12000
14000
16000
0
400
800
1200
1600
2000
0
400
800
1200
1600
2000
90°
120°
180°
θ = 30°
60°
θ
360°
0
20
40
60
80
100
120
140
160
θ
360°
0
2000
4000
6000
8000
10000
12000
14000
16000
0
4000
500 1000 1500 2000 2500 3000 3500
DC
270°
θ = 30°
120°
180°
60°
90°
360°
θ
0
20
40
60
80
100
120
140
160
0
4000
500 1000 1500 2000 2500 3000 3500
θ = 30°
90°
60°
120°
180°
270°
DC
360°
θ
θ = 30° 60°
90° 120° 180°
AVERAGE ON-STATE CURRENT (A)
MAXIMUM ON-STATE POWER DISSIPATION
CHARACTERISTICS
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE FIN TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE FIN TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(RECTANGULAR WAVE)
JUNCTION TEMPERATURE (°C)
GATE TRIGGER CURRENT, GATE TRIGGER VOLTAGE VS.
JUNCTION TEMPERATURE
(TYPICAL)
TURN ON GATE CURRENT (A)
TURN ON TIME, TURN ON DELAY TIME
VS. TURN ON GATE CURRENT
(TYPICAL)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM ON-STATE POWER DISSIPATION
CHARACTERISTICS
(RECTANGULAR WAVE)
RESISTIVE,
INDUCTIVE
LOAD
RESISTIVE,
INDUCTIVE
LOAD
RESISTIVE,
INDUCTIVE
LOAD
RESISTIVE,
INDUCTIVE
LOAD
DC METHOD
MITSUBISHI GATE TURN-OFF THYRISTORS
FG6000AU-120D
HIGH POWER INVERTER USE
PRESS PACK TYPE


Similar Part No. - FG6000AU-120D

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FG601 FCI-FG601 Datasheet
198Kb / 2P
   6.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS LOW COST LOW LEAKAGE
logo
Yea Shin Technology Co....
FG601 YEASHIN-FG601 Datasheet
387Kb / 3P
   RECTIFIER SPECIALISTS
FG601F YEASHIN-FG601F Datasheet
413Kb / 3P
   RECTIFIER SPECIALISTS
logo
First Components Intern...
FG602 FCI-FG602 Datasheet
198Kb / 2P
   6.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS LOW COST LOW LEAKAGE
FG603 FCI-FG603 Datasheet
198Kb / 2P
   6.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS LOW COST LOW LEAKAGE
More results

Similar Description - FG6000AU-120D

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FGR3000FX-90DA MITSUBISHI-FGR3000FX-90DA Datasheet
82Kb / 5P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000GX-90DA MITSUBISHI-FG4000GX-90DA Datasheet
68Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FGC3500AX-120DS POWEREX-FGC3500AX-120DS Datasheet
36Kb / 3P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
GCU04AA-130 MITSUBISHI-GCU04AA-130 Datasheet
71Kb / 6P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG2000FX-50DA MITSUBISHI-FG2000FX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000EX-50DA MITSUBISHI-FG4000EX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000HX-90DS MITSUBISHI-FG4000HX-90DS Datasheet
71Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG3000GX-90DA POWEREX-FG3000GX-90DA Datasheet
157Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FGC1500A-130DS POWEREX-FGC1500A-130DS Datasheet
45Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
FG4000BX-90DA MITSUBISHI-FG4000BX-90DA Datasheet
65Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG4000EX-50DA POWEREX-FG4000EX-50DA Datasheet
79Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com