![]() |
Electronic Components Datasheet Search |
|
400FS001M22 Datasheet(PDF) 1 Page - Glenair, Inc. |
|
400FS001M22 Datasheet(HTML) 1 Page - Glenair, Inc. |
1 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 40 - Page 4 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 G (Table III) E (Table III) F (Table III) H (Table III) Shown with Style L Strain Relief STYLE L Light Duty (Table V) .850 (21.6) Approx. Cable Range L STYLE G Light Duty (Table IV) .072 (1.8) Approx. K Cable Entry STYLE F Light Duty (Table V) L Cable Range .416 (10.5) Approx. CONNECTOR DESIGNATORS A-F-H-L-S ROTATABLE COUPLING 400 F S 001 M 16 06 L 6 Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No. Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (F, G, L) Cable Entry (Table IV, V) Shell Size (Table I) Finish (Table II) C Typ. (Table I) * Length ± .060 (1.52) Minimum Order Length 1.0 Inch (See Note 4) STYLE 2 (STRAIGHT See Note 1) Length ± .060 (1.52) Minimum Order Length 1.5 Inch (See Note 4) STYLE 2 (45° & 90° See Note 1) .88 (22.4) Max A Thread (Table I) Length * Ground Spring Shown with Style G Nut 400-001 TAG® Ring Backshell with Strain Relief Rotatable Coupling - Low Profile Add “-445” to Specify Glenair’s Non-Detent, ("NESTOR") Spring-Loaded, Self-Locking Coupling. See Page 41 for Details. |
Similar Part No. - 400FS001M22 |
|
Similar Description - 400FS001M22 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |
allmanual.com |