Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B048T015T14 Datasheet(PDF) 6 Page - Vicor Corporation

Part # B048T015T14
Description  BCM Bus Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048T015T14 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button B048T015T14 Datasheet HTML 2Page - Vicor Corporation B048T015T14 Datasheet HTML 3Page - Vicor Corporation B048T015T14 Datasheet HTML 4Page - Vicor Corporation B048T015T14 Datasheet HTML 5Page - Vicor Corporation B048T015T14 Datasheet HTML 6Page - Vicor Corporation B048T015T14 Datasheet HTML 7Page - Vicor Corporation B048T015T14 Datasheet HTML 8Page - Vicor Corporation B048T015T14 Datasheet HTML 9Page - Vicor Corporation B048T015T14 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B048F015T14
Rev. 1.8
Page 6 of 12
V•I Chip Bus Converter Module
Pin / Control Functions
+In / -In – DC Voltage Input Ports
The V•I Chip input voltage range should not be exceeded. An internal
under / over voltage lockout function prevents operation outside of the
normal operating input range. The BCM turns on within an input
voltage window bounded by the “Input under-voltage turn-on” and
“Input over-voltage turn-off” levels, as specified. The V•I Chip may be
protected against accidental application of a reverse input voltage by
the addition of a rectifier in series with the positive input, or a reverse
rectifier in shunt with the positive input located on the load side of the
input fuse.
The connection of the V•I Chip to its power source should be
implemented with minimal distribution inductance. If the interconnect
inductance exceeds 100 nH, the input should be bypassed with a RC
damper to retain low source impedance and stable operation. With an
interconnect inductance of 200 nH, the RC damper may be 47 µF in
series with 0.3Ω . A single electrolytic or equivalent low-Q capacitor
may be used in place of the series RC bypass.
PC – Primary Control
The Primary Control port is a multifunction node that provides the
following functions:
Enable / Disable – If the PC port is left floating, the BCM output is
enabled. Once this port is pulled lower than 2.4 Vdc with respect
to –In, the output is disabled. This action can be realized by
employing a relay, opto-coupler, or open collector transistor. Refer
to Figures 1-3, 12 and 13 for the typical enable / disable
characteristics. This port should not be toggled at a rate higher
than 1 Hz. The PC port should also not be driven by or pulled up to
an external voltage source.
Primary Auxiliary Supply – The PC port can source up to 2.4 mA at
5.0 Vdc. The PC port should never be used to sink current.
Alarm – The BCM contains circuitry that monitors output overload,
input over voltage or under voltage, and internal junction
temperatures. In response to an abnormal condition in any of the
monitored parameters, the PC port will toggle. Refer to Figure 13
for PC alarm characteristics.
TM and RSV – Reserved for factory use.
+Out / -Out – DC Voltage Output Ports
Two sets of contacts are provided for the +Out port. They must be
connected in parallel with low interconnect resistance. Similarly, two
sets of contacts are provided for the –Out port. They must be
connected in parallel with low interconnect resistance. Within the
specified operating range, the average output voltage is defined by the
Level 1 DC behavioral model of Figure 21. The current source capability
of the BCM is rated in the specifications section of this document.
The low output impedance of the BCM reduces or eliminates the need
for limited life aluminum electrolytic or tantalum capacitors at the input
of POL converters.
Total load capacitance at the output of the BCM should not exceed the
specified maximum. Owing to the wide bandwidth and low output
impedance of the BCM, low frequency bypass capacitance and
significant energy storage may be more densely and efficiently provided
by adding capacitance at the input of the BCM.
-In
PC
RSV
TM
+In
-Out
+Out
-Out
+Out
Bottom View
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
4
3
2
1
A
B
C
D
E
H
J
K
L
M
N
P
R
T
Figure 14 — BCM pin configuration
Signal
Name
Designation
+In
A1-E1, A2-E2
–In
L1-T1, L2-T2
TM
H1, H2
RSV
J1, J2
PC
K1, K2
+Out
A3-D3, A4-D4,
J3-M3, J4-M4
–Out
E3-H3, E4-H4,
N3-T3, N4-T4


Similar Part No. - B048T015T14

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048T030M21 VICOR-B048T030M21 Datasheet
983Kb / 12P
   BCM Bus Converter
B048T030T21 VICOR-B048T030T21 Datasheet
983Kb / 12P
   BCM Bus Converter
B048T040M20 VICOR-B048T040M20 Datasheet
1Mb / 12P
   BCM Bus Converter
B048T040T20 VICOR-B048T040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
B048T060M24 VICOR-B048T060M24 Datasheet
1Mb / 12P
   BCM Bus Converter
More results

Similar Description - B048T015T14

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com