Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG4030M14 Datasheet(PDF) 4 Page - NEC

Part # NESG4030M14
Description  NPN SiGe:C RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 4-PIN LEAD-LESS MINIMOLD (M14, 1208 PKG)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NESG4030M14 Datasheet(HTML) 4 Page - NEC

  NESG4030M14 Datasheet HTML 1Page - NEC NESG4030M14 Datasheet HTML 2Page - NEC NESG4030M14 Datasheet HTML 3Page - NEC NESG4030M14 Datasheet HTML 4Page - NEC NESG4030M14 Datasheet HTML 5Page - NEC NESG4030M14 Datasheet HTML 6Page - NEC NESG4030M14 Datasheet HTML 7Page - NEC NESG4030M14 Datasheet HTML 8Page - NEC NESG4030M14 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Mounted on Glass Epoxy PWB
(1.08 cm
2
× 1.0 mm (t) )
Ambient Temperature TA (
°C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
200
150
100
50
0
25
50
75
100
125
150
f = 1 MHz
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
0.3
0.2
0.1
02
4
6
8
10
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VCE = 1 V
100
10
1
0.01
0.001
0.1
0.0001
0.6
0.4
0.8
1
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Base to Emitter Voltage VBE (V)
BASE TO EMITTER VOLTAGE
COLLECTOR CURRENT vs.
VCE = 3 V
100
10
1
0.01
0.001
0.1
0.0001
0.6
0.4
0.8
1
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
VCE = 2 V
100
10
1
0.01
0.001
0.1
0.0001
0.6
0.4
0.8
1
IB = 20 A
μ
120 A
μ
140 A
μ
160 A
μ
180 A
μ
80 A
μ
60 A
μ
40 A
μ
100 A
μ
40
20
30
10
01
2
3
Remark The graphs indicate nominal characteristics.
<R>
Data Sheet PU10728EJ02V0DS
4
NESG4030M14


Similar Part No. - NESG4030M14

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG4030M14 RENESAS-NESG4030M14 Datasheet
327Kb / 12P
   NPN SILICON GERMANIUM C RF TRANSISTOR
2009
NESG4030M14-A RENESAS-NESG4030M14-A Datasheet
327Kb / 12P
   NPN SILICON GERMANIUM C RF TRANSISTOR
2009
NESG4030M14-T3 RENESAS-NESG4030M14-T3 Datasheet
327Kb / 12P
   NPN SILICON GERMANIUM C RF TRANSISTOR
2009
NESG4030M14-T3-A RENESAS-NESG4030M14-T3-A Datasheet
327Kb / 12P
   NPN SILICON GERMANIUM C RF TRANSISTOR
2009
More results

Similar Description - NESG4030M14

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2031M16 NEC-NESG2031M16 Datasheet
119Kb / 12P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
California Eastern Labs
NESG2021M16 CEL-NESG2021M16 Datasheet
861Kb / 11P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
NEC
NESG2021M16 NEC-NESG2021M16 Datasheet
120Kb / 12P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
NESG2101M16 NEC-NESG2101M16_1 Datasheet
135Kb / 13P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
NESG210719 CEL-NESG210719 Datasheet
1Mb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN Amplification 3-Pin Ultra Super Minimold (19, 1608 PKG)
NE66219 CEL-NE66219 Datasheet
329Kb / 6P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
logo
NEC
2SC5606 NEC-2SC5606_1 Datasheet
73Kb / 7P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
2SC5787 NEC-2SC5787 Datasheet
100Kb / 22P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
2SC5801 NEC-2SC5801 Datasheet
33Kb / 1P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com