Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG2101M16-A Datasheet(PDF) 9 Page - NEC

Part # NESG2101M16-A
Description  NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NESG2101M16-A Datasheet(HTML) 9 Page - NEC

Back Button NESG2101M16-A Datasheet HTML 5Page - NEC NESG2101M16-A Datasheet HTML 6Page - NEC NESG2101M16-A Datasheet HTML 7Page - NEC NESG2101M16-A Datasheet HTML 8Page - NEC NESG2101M16-A Datasheet HTML 9Page - NEC NESG2101M16-A Datasheet HTML 10Page - NEC NESG2101M16-A Datasheet HTML 11Page - NEC NESG2101M16-A Datasheet HTML 12Page - NEC NESG2101M16-A Datasheet HTML 13Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Input Power Pin (dBm)
OUTPUT POWER, POWER GAIN, IC,
COLLECTOR EFFICIENCY vs. INPUT POWER
25
20
15
5
0
10
–5
120
20
60
40
80
100
0
–20
–5
–10
05
–15
10
VCE = 3.6 V, f = 1 GHz
Icq = 10 mA
GP
Pout
C
η
IC
Input Power Pin (dBm)
COLLECTOR EFFICIENCY vs. INPUT POWER
25
20
15
5
0
10
–5
120
20
60
40
80
100
0
–15
0
–5
510
–10
15
VCE = 3.6 V, f = 2 GHz
Icq = 10 mA
GP
Pout
ηC
IC
Input Power Pin (dBm)
COLLECTOR EFFICIENCY vs. INPUT POWER
25
20
15
5
0
10
–5
120
20
60
40
80
100
0
–15
0
–5
510
–10
15
VCE = 3.6 V, f = 3 GHz
Icq = 10 mA
GP
Pout
C
η
IC
Input Power Pin (dBm)
COLLECTOR EFFICIENCY vs. INPUT POWER
25
20
15
5
0
10
–5
120
20
60
40
80
100
0
–10
5
0
10
15
–5
20
VCE = 3.6 V, f = 5.2 GHz
Icq = 10 mA
GP
Pout
C
η
IC
OUTPUT POWER, POWER GAIN, IC,
OUTPUT POWER, POWER GAIN, IC,
OUTPUT POWER, POWER GAIN, IC,
Remark The graphs indicate nominal characteristics.
Data Sheet PU10395EJ03V0DS
9
NESG2101M16


Similar Part No. - NESG2101M16-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG2101M16-A RENESAS-NESG2101M16-A Datasheet
352Kb / 15P
   NPN SILICON GERMANIUM RF TRANSISTOR
2009
More results

Similar Description - NESG2101M16-A

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2031M16 NEC-NESG2031M16 Datasheet
119Kb / 12P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
California Eastern Labs
NESG2021M16 CEL-NESG2021M16 Datasheet
861Kb / 11P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
NEC
NESG2021M16 NEC-NESG2021M16 Datasheet
120Kb / 12P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
Renesas Technology Corp
NESG2101M05 RENESAS-NESG2101M05 Datasheet
172Kb / 15P
   NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
logo
California Eastern Labs
NESG270034 CEL-NESG270034 Datasheet
349Kb / 11P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
logo
NEC
NESG4030M14 NEC-NESG4030M14 Datasheet
112Kb / 10P
   NPN SiGe:C RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 4-PIN LEAD-LESS MINIMOLD (M14, 1208 PKG)
logo
Renesas Technology Corp
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
logo
NEC
2SC5752 NEC-2SC5752 Datasheet
91Kb / 20P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC5753 RENESAS-2SC5753_15 Datasheet
224Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com