Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG2031M16-T3-A Datasheet(PDF) 9 Page - NEC

Part # NESG2031M16-T3-A
Description  NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NESG2031M16-T3-A Datasheet(HTML) 9 Page - NEC

Back Button NESG2031M16-T3-A Datasheet HTML 4Page - NEC NESG2031M16-T3-A Datasheet HTML 5Page - NEC NESG2031M16-T3-A Datasheet HTML 6Page - NEC NESG2031M16-T3-A Datasheet HTML 7Page - NEC NESG2031M16-T3-A Datasheet HTML 8Page - NEC NESG2031M16-T3-A Datasheet HTML 9Page - NEC NESG2031M16-T3-A Datasheet HTML 10Page - NEC NESG2031M16-T3-A Datasheet HTML 11Page - NEC NESG2031M16-T3-A Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
5
4
3
2
1
0
30
25
15
20
10
5
100
10
1
VCE = 1 V,
f = 1 GHz
Ga
NF
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
5
4
3
2
1
0
30
25
20
15
10
5
1
10
100
VCE = 2 V,
f = 1 GHz
Ga
NF
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
5
4
3
2
1
0
30
25
20
15
10
5
1
10
100
VCE = 1 V,
f = 2 GHz
Ga
NF
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
5
4
3
2
1
0
30
25
20
15
10
5
100
10
1
VCE = 2 V,
f = 2 GHz
Ga
NF
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
5
4
3
2
1
0
25
20
15
10
5
0
100
10
1
VCE = 1 V,
f = 5.2 GHz
Ga
NF
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
5
4
3
2
1
0
25
20
15
10
5
0
100
10
1
VCE = 2 V,
f = 5.2 GHz
Ga
NF
Remark The graphs indicate nominal characteristics.
Data Sheet PU10394EJ03V0DS
9
NESG2031M16


Similar Part No. - NESG2031M16-T3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NESG2031M16-T3-A CEL-NESG2031M16-T3-A Datasheet
230Kb / 3P
   HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
NESG2031M16-T3-A RENESAS-NESG2031M16-T3-A Datasheet
336Kb / 14P
   NPN SILICON GERMANIUM RF TRANSISTOR
2009
More results

Similar Description - NESG2031M16-T3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NESG2021M16 CEL-NESG2021M16 Datasheet
861Kb / 11P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
NEC
NESG2021M16 NEC-NESG2021M16 Datasheet
120Kb / 12P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
NESG2101M16 NEC-NESG2101M16_1 Datasheet
135Kb / 13P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
NESG4030M14 NEC-NESG4030M14 Datasheet
112Kb / 10P
   NPN SiGe:C RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 4-PIN LEAD-LESS MINIMOLD (M14, 1208 PKG)
logo
California Eastern Labs
NESG210719 CEL-NESG210719 Datasheet
1Mb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN Amplification 3-Pin Ultra Super Minimold (19, 1608 PKG)
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
logo
NEC
NESG210833 NEC-NESG210833 Datasheet
103Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG220033 NEC-NESG220033 Datasheet
95Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG240033 NEC-NESG240033 Datasheet
103Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
logo
Renesas Technology Corp
NESG220033 RENESAS-NESG220033 Datasheet
224Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com