Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8182TB-E3 Datasheet(PDF) 7 Page - NEC

Part # UPC8182TB-E3
Description  3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8182TB-E3 Datasheet(HTML) 7 Page - NEC

Back Button UPC8182TB-E3 Datasheet HTML 3Page - NEC UPC8182TB-E3 Datasheet HTML 4Page - NEC UPC8182TB-E3 Datasheet HTML 5Page - NEC UPC8182TB-E3 Datasheet HTML 6Page - NEC UPC8182TB-E3 Datasheet HTML 7Page - NEC UPC8182TB-E3 Datasheet HTML 8Page - NEC UPC8182TB-E3 Datasheet HTML 9Page - NEC UPC8182TB-E3 Datasheet HTML 10Page - NEC UPC8182TB-E3 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet PU10206EJ01V0DS
7
µµµµPC8182TB
TEST CIRCUITS
VCC
1 000 pF
1 000 pF
1 000 pF
C1
C2
L
4
6
1
2, 3, 5
50
50
OUT
IN
C3
COMPONENTS OF TEST CIRCUIT
EXAMPLE OF ACTUAL APPLICATION COMPONENTS
FOR MEASURING ELECTRICAL
CHARACTERISTICS
Type
Value
Type
Value
Operating Frequency
C1, C2
Bias Tee
1 000 pF
C1 to C3
Chip capacitor
1 000 pF
100 MHz or higher
C3
Capacitor
1 000 pF
L
Chip inductor
100 nH
100 MHz or higher
L
Bias Tee
1 000 nH
10 nH
2.0 GHz or higher
INDUCTOR FOR THE OUTPUT PIN
The internal output transistor of this IC consumes 20 mA, to output medium power. To supply current for output
transistor, connect an inductor between the Vcc pin (pin 6) and output pin (pin 4). Select large value inductance, as
listed above.
The inductor has both DC and AC effects. In terms of DC, the inductor biases the output transistor with minimum
voltage drop to output enable high level. In terms of AC, the inductor make output-port-impedance higher to get
enough gain. In this case, large inductance and Q is suitable.
For above reason, select an inductance of 100
Ω or over impedance in the operating frequency. The gain is a
peak in the operating frequency band, and suppressed at lower frequencies.
The recommendable inductance can be chosen from example of actual application components list as shown
above.
CAPACITORS FOR THE VCC, INPUT, AND OUTPUT PINS
Capacitors of 1 000 pF are recommendable as the bypass capacitor for the Vcc pin and the coupling capacitors
for the input and output pins.
The bypass capacitor connected to the Vcc pin is used to minimize ground impedance of Vcc pin. So, stable bias
can be supplied against Vcc fluctuation.
The coupling capacitors, connected to the input and output pins, are used to cut the DC and minimize RF serial
impedance. Their capacitance are therefore selected as lower impedance against a 50
Ω load. The capacitors thus
perform as high pass filters, suppressing low frequencies to DC.
To obtain a flat gain from 100 MHz upwards, 1 000 pF capacitors are used in the test circuit. In the case of under
10 MHz operation, increase the value of coupling capacitor such as 10 000 pF. Because the coupling capacitors are
determined by equation, C = 1/(2
πRfc).


Similar Part No. - UPC8182TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8182TB-E3 NEC-UPC8182TB-E3 Datasheet
404Kb / 16P
   3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC8182TB-E3 RENESAS-UPC8182TB-E3 Datasheet
327Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
logo
NEC
UPC8182TB-E3-AZ NEC-UPC8182TB-E3-AZ Datasheet
404Kb / 16P
   3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
More results

Similar Description - UPC8182TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8182TB NEC-UPC8182TB Datasheet
404Kb / 16P
   3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8181TB NEC-UPC8181TB Datasheet
154Kb / 16P
   3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8181TB CEL-UPC8181TB Datasheet
285Kb / 8P
   3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2762TB NEC-UPC2762TB_1 Datasheet
240Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2762TB NEC-UPC2762TB Datasheet
171Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC2747TB RENESAS-PC2747TB_15 Datasheet
243Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2749TB NEC-UPC2749TB Datasheet
92Kb / 16P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com