Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS720C-1A Datasheet(PDF) 6 Page - NEC

Part # PS720C-1A
Description  4-PIN SOP, 0.1LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS720C-1A Datasheet(HTML) 6 Page - NEC

  PS720C-1A Datasheet HTML 1Page - NEC PS720C-1A Datasheet HTML 2Page - NEC PS720C-1A Datasheet HTML 3Page - NEC PS720C-1A Datasheet HTML 4Page - NEC PS720C-1A Datasheet HTML 5Page - NEC PS720C-1A Datasheet HTML 6Page - NEC PS720C-1A Datasheet HTML 7Page - NEC PS720C-1A Datasheet HTML 8Page - NEC PS720C-1A Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Preliminary Data Sheet PN10778EJ01V0DS
6
PS720C-1A
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering
• Peak reflow temperature
260
°C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220
°C
60 seconds or less
• Time to preheat temperature from 120 to 180
°C
120
±30 s
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
220
°C
Time (s)
(heating)
to 10 s
to 60 s
260
°C MAX.
Recommended Temperature Profile of Infrared Reflow
120±30 s
(preheating)
180
°C
120
°C
(2) Wave soldering
• Temperature
260
°C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions
120
°C or below (package surface temperature)
• Number of times
One
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine
content of 0.2 Wt% is recommended.)
(3) Soldering by soldering iron
• Peak temperature (lead part temperature)
350
°C or below
• Time (each pins)
3 seconds or less
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead.
(b) Please be sure that the temperature of the package would not be heated over 100
°C.
(4) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.


Similar Part No. - PS720C-1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS720C-1A RENESAS-PS720C-1A Datasheet
176Kb / 12P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS720C-1A CEL-PS720C-1A Datasheet
211Kb / 10P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS720C-1A RENESAS-PS720C-1A Datasheet
168Kb / 12P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT
logo
California Eastern Labs
PS720C-1A-A CEL-PS720C-1A-A Datasheet
211Kb / 10P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS720C-1A-E3 RENESAS-PS720C-1A-E3 Datasheet
176Kb / 12P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
More results

Similar Description - PS720C-1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS720C-1A RENESAS-PS720C-1A Datasheet
176Kb / 12P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS720C-1A CEL-PS720C-1A Datasheet
211Kb / 10P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS720C-1A RENESAS-PS720C-1A_15 Datasheet
168Kb / 12P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT
logo
NEC
PS7205B-1A NEC-PS7205B-1A_1 Datasheet
106Kb / 13P
   4-PIN SOP, 0.9 廓 LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE 500 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS7206-1A NEC-PS7206-1A_1 Datasheet
119Kb / 13P
   4-PIN SOP, 0.6 廓 LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7205B-1A RENESAS-PS7205B-1A Datasheet
261Kb / 15P
   4-PIN SOP, 0.9 Ω LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE 500 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
PS710CL2-1A RENESAS-PS710CL2-1A Datasheet
254Kb / 16P
   4-PIN DIP, 0.1 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS710A-1A CEL-PS710A-1A Datasheet
352Kb / 11P
   6-PIN DIP, 0.1 LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS7200B-1A CEL-PS7200B-1A Datasheet
203Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com