Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9302L-V-AX Datasheet(PDF) 10 Page - NEC

Part # PS9302L-V-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9302L-V-AX Datasheet(HTML) 10 Page - NEC

Back Button PS9302L-V-AX Datasheet HTML 6Page - NEC PS9302L-V-AX Datasheet HTML 7Page - NEC PS9302L-V-AX Datasheet HTML 8Page - NEC PS9302L-V-AX Datasheet HTML 9Page - NEC PS9302L-V-AX Datasheet HTML 10Page - NEC PS9302L-V-AX Datasheet HTML 11Page - NEC PS9302L-V-AX Datasheet HTML 12Page - NEC PS9302L-V-AX Datasheet HTML 13Page - NEC PS9302L-V-AX Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Data Sheet PN10744EJ02V0DS
10
PS9302L
Low Level Output Current IOL (A)
LOW LEVEL OUTPUT VOLTAGE vs.
LOW LEVEL OUTPUT CURRENT
Forward Current IF (mA)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD CAPACITANCE
Load Capacitance Cg (nF)
0
0.5
1
1.5
2.5
2
5
4
3
2
1
VCC = 30 V,
VEE = GND,
IF = 0 mA
TA = +100
°C
+25
°C
–40
°C
7
8
10
12 13
16 17 18
VCC = 30 V, VEE = GND,
Rg = 10
Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
500
400
300
200
100
0
tPHL
tPLH
911
15
14
PWD
15
20
25
30
VEE = GND, IF = 10 mA,
Rg = 10
Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
500
400
300
200
100
0
tPHL
PWD
tPLH
0
–40
–20
20
40
60
80
100
VCC = 30 V, VEE = GND,
IF = 10 mA,
Rg = 10
Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
500
400
300
200
100
0
tPHL
tPLH
PWD
020
40
60
80
120
100
VCC = 30 V, VEE = GND,
IF = 10 mA, Rg = 10
Ω,
f = 10 kHz, Duty cycle = 50%
500
400
300
200
100
tPHL
tPLH
PWD
3.5
3
2.5
2
1.5
1
–20
0
20
40
100
80
60
–40
VCC = 30 V,
VEE = GND,
VO = OPEN
ICCH (IF = 10 mA)
ICCL (IF = 0 mA)
Ambient Temperature TA (
°C)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS9302L-V-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9302L RENESAS-PS9302L Datasheet
297Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
April 1st, 2010
More results

Similar Description - PS9302L-V-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9305L_15 RENESAS-PS9305L_15_15 Datasheet
297Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
PS9302L RENESAS-PS9302L Datasheet
297Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
April 1st, 2010
PS9305L RENESAS-PS9305L Datasheet
305Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9305L CEL-PS9305L Datasheet
267Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9331L RENESAS-PS9331L_15 Datasheet
360Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9331L CEL-PS9331L Datasheet
2Mb / 12P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9331L RENESAS-PS9331L Datasheet
360Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com