Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2561BL-1-V-E4-A Datasheet(PDF) 8 Page - NEC

Part # PS2561BL-1-V-E4-A
Description  DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2561BL-1-V-E4-A Datasheet(HTML) 8 Page - NEC

Back Button PS2561BL-1-V-E4-A Datasheet HTML 4Page - NEC PS2561BL-1-V-E4-A Datasheet HTML 5Page - NEC PS2561BL-1-V-E4-A Datasheet HTML 6Page - NEC PS2561BL-1-V-E4-A Datasheet HTML 7Page - NEC PS2561BL-1-V-E4-A Datasheet HTML 8Page - NEC PS2561BL-1-V-E4-A Datasheet HTML 9Page - NEC PS2561BL-1-V-E4-A Datasheet HTML 10Page - NEC PS2561BL-1-V-E4-A Datasheet HTML 11Page - NEC PS2561BL-1-V-E4-A Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Forward Current IF (mA)
Ambient Temperature TA (
°C)
Load Resistance RL (
Ω)
Load Resistance RL (
Ω)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
SWITCHING TIME vs.
LOAD RESISTANCE
SWITCHING TIME vs.
LOAD RESISTANCE
IC, ICEO vs. AMBIENT TEMPERATURE
1.2
–50
1.0
0.8
0.6
0.4
0.2
0
–25
0
25
50
75
100 110
450
400
350
300
250
200
150
100
50
0
0.05 0.1
0.5
1
5
10
50
50
10
1
0.1
10 k
5 k
1 k
500
100
50
10
1 000
100
10
1
100 k
50 k
10 k
5 k
1 k
500
100
IC = 2 mA,
VCC = 10 V,
CTR = 290%
tf
tr
td
ts
IF = 5 mA,
VCC = 5 V,
CTR = 290%
ts
td
tr
tf
Ambient Temperature TA (
°C)
Frequency f (kHz)
FREQUENCY RESPONSE
0
–5
–10
–15
–20
0.5
1
2
5
10 20
50 100 200 500
IF = 5 mA,
VCE = 5 V
100
Ω
300
Ω
RL = 1 k
Ω
VCE = 5 V
Sample A
B
C
Normalized to 1.0
at TA = 25
°C,
IF = 5 mA, VCE = 5 V
10 000
1 000
100
10
1
0.1
0.01
0.001
0
25
50
75
100 110
VCE = 48 V
= 24 V
IC (VCE = 5 V, IF = 1 mA)
CTR = 200%
Remark
The graphs indicate nominal characteristics.
Data Sheet PN10505EJ04V0DS
8
PS2561B-1,PS2561BL-1,PS2561BL1-1,PS2561BL2-1


Similar Part No. - PS2561BL-1-V-E4-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2561BL-1-V-A CEL-PS2561BL-1-V-A Datasheet
993Kb / 16P
   Data subject to change without notice Isometric drawing Not to Scale
PS2561BL-1-V-F3 CEL-PS2561BL-1-V-F3 Datasheet
993Kb / 16P
   Data subject to change without notice Isometric drawing Not to Scale
logo
Renesas Technology Corp
PS2561BL-1-V-F3 RENESAS-PS2561BL-1-V-F3 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561BL-1-V-F3-A CEL-PS2561BL-1-V-F3-A Datasheet
993Kb / 16P
   Data subject to change without notice Isometric drawing Not to Scale
More results

Similar Description - PS2561BL-1-V-E4-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1_15 Datasheet
243Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1_15 Datasheet
167Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561D-1 NEC-PS2561D-1 Datasheet
127Kb / 13P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561D-1 CEL-PS2561D-1 Datasheet
271Kb / 17P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com