Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9552L3-V-E3-AX Datasheet(PDF) 5 Page - NEC

Part # PS9552L3-V-E3-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9552L3-V-E3-AX Datasheet(HTML) 5 Page - NEC

  PS9552L3-V-E3-AX Datasheet HTML 1Page - NEC PS9552L3-V-E3-AX Datasheet HTML 2Page - NEC PS9552L3-V-E3-AX Datasheet HTML 3Page - NEC PS9552L3-V-E3-AX Datasheet HTML 4Page - NEC PS9552L3-V-E3-AX Datasheet HTML 5Page - NEC PS9552L3-V-E3-AX Datasheet HTML 6Page - NEC PS9552L3-V-E3-AX Datasheet HTML 7Page - NEC PS9552L3-V-E3-AX Datasheet HTML 8Page - NEC PS9552L3-V-E3-AX Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet PN10589EJ06V0DS
5
PS9552,PS9552L1,PS9552L2,PS9552L3
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number*
1
PS9552
PS9552-AX
Pb-Free
Magazine case 50 pcs
Standard products
PS9552
PS9552L1
PS9552L1-AX
(Ni/Pd/Au)
(UL, CSA, BSI,
PS9552L1
PS9552L2
PS9552L2-AX
SEMKO, NEMKO,
PS9552L2
PS9552L3
PS9552L3-AX
DEMKO, FIMKO
PS9552L3
PS9552L2-E3
PS9552L2-E3-AX
Embossed Tape 1 000 pcs/reel
approved)
PS9552L2
PS9552L3-E3
PS9552L3-E3-AX
PS9552L3
PS9552-V
PS9552-V-AX
Magazine case 50 pcs
DIN EN60747-5-2
PS9552
PS9552L1-V
PS9552L1-V-AX
(VDE0884 Part2)
PS9552L1
PS9552L2-V
PS9552L2-V-AX
Approved (Option)
PS9552L2
PS9552L3-V
PS9552L3-V-AX
PS9552L3
PS9552L2-V-E3
PS9552L2-V-E3-AX
Embossed Tape 1 000 pcs/reel
PS9552L2
PS9552L3-V-E3
PS9552L3-V-E3-AX
PS9552L3
*1 For the application of the Safety Standard, following part number should be used.


Similar Part No. - PS9552L3-V-E3-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552L3-V-E3-AX CEL-PS9552L3-V-E3-AX Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552L3-V-E3-AX CEL-PS9552L3-V-E3-AX Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9552L3-V-E3-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9531 RENESAS-PS9531_15 Datasheet
657Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505 RENESAS-PS9505_15 Datasheet
306Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9506 CEL-PS9506 Datasheet
3Mb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com