Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9587L2 Datasheet(PDF) 10 Page - NEC

Part # PS9587L2
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9587L2 Datasheet(HTML) 10 Page - NEC

Back Button PS9587L2 Datasheet HTML 6Page - NEC PS9587L2 Datasheet HTML 7Page - NEC PS9587L2 Datasheet HTML 8Page - NEC PS9587L2 Datasheet HTML 9Page - NEC PS9587L2 Datasheet HTML 10Page - NEC PS9587L2 Datasheet HTML 11Page - NEC PS9587L2 Datasheet HTML 12Page - NEC PS9587L2 Datasheet HTML 13Page - NEC PS9587L2 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Data Sheet PN10678EJ03V0DS
10
PS9587,PS9587L1,PS9587L2,PS9587L3
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
Ambient Temperature TA (˚C)
PULSE WIDTH DISTORTION vs.
AMBIENT TEMPERATURE
PROPAGATION DELAY TIME vs.
FORWARD CURRENT
Forward Current IF (mA)
SWITCHING TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
VCC = 5.0 V,
VO = 0.8 V
5
4
3
2
1
0
–50
–25
0
25
50
75
100
1.0 k
Ω
RL = 350
Ω
4.0 k
Ω
–50
–25
0
25
50
75
100
IF = 7.5 mA,
VCC = 5.0 V
RL = 1.0 k
Ω
RL = 350
Ω
RL = 4.0 k
Ω
100
80
60
40
20
0
5
7.5
10
12.5
15
17.5
20
VCC = 5.0 V
120
100
80
60
40
20
0
tPLH: RL = 4.0 k
Ω
tPLH: RL = 1.0 k
Ω
tPLH: RL = 350
Ω
tPHL: RL = 350
Ω, 1.0 kΩ, 4.0 kΩ
Forward Current IF (mA)
PULSE WIDTH DISTORTION vs.
FORWARD CURRENT
20
17.5
15
12.5
7.5
10
5
VCC = 5.0 V
100
80
60
40
20
0
RL = 4.0 k
Ω
RL = 350
Ω
RL = 1.0 k
Ω
100
80
60
40
20
0
–50
–25
0
25
50
75
100
IF = 7.5 mA,
VCC = 5.0 V,
RL = 350
Ω
tr
tf
PROPAGATION DELAY TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
–50
–25
0
25
50
75
100
IF = 7.5 mA,
VCC = 5.0 V
tPLH: RL = 350
Ω
tPHL: RL = 350
Ω
tPLH: RL = 4.0 k
Ω
tPHL: RL = 4.0 k
Ω
tPLH: RL = 1.0 k
Ω
100
80
60
40
20
0
tPHL: RL = 1.0 k
Ω
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS9587L2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9587L2 CEL-PS9587L2 Datasheet
1Mb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
logo
Renesas Technology Corp
PS9587L2 RENESAS-PS9587L2 Datasheet
312Kb / 20P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9587L2-AX CEL-PS9587L2-AX Datasheet
1Mb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PS9587L2-E3 CEL-PS9587L2-E3 Datasheet
1Mb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
logo
Renesas Technology Corp
PS9587L2-E3 RENESAS-PS9587L2-E3 Datasheet
312Kb / 20P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9587L2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9587 CEL-PS9587 Datasheet
1Mb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PS9687L1 CEL-PS9687L1 Datasheet
409Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
logo
Renesas Technology Corp
PS9587 RENESAS-PS9587_15 Datasheet
312Kb / 20P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9817A-1 RENESAS-PS9817A-1_15 Datasheet
284Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9317L RENESAS-PS9317L_15 Datasheet
247Kb / 18P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9214 RENESAS-PS9214 Datasheet
308Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
April 1st, 2010
logo
California Eastern Labs
PS9214 CEL-PS9214 Datasheet
408Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9214_V1 CEL-PS9214_V1 Datasheet
872Kb / 15P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com