Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9117A-V-F3 Datasheet(PDF) 3 Page - NEC

Part # PS9117A-V-F3
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9117A-V-F3 Datasheet(HTML) 3 Page - NEC

  PS9117A-V-F3 Datasheet HTML 1Page - NEC PS9117A-V-F3 Datasheet HTML 2Page - NEC PS9117A-V-F3 Datasheet HTML 3Page - NEC PS9117A-V-F3 Datasheet HTML 4Page - NEC PS9117A-V-F3 Datasheet HTML 5Page - NEC PS9117A-V-F3 Datasheet HTML 6Page - NEC PS9117A-V-F3 Datasheet HTML 7Page - NEC PS9117A-V-F3 Datasheet HTML 8Page - NEC PS9117A-V-F3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standards
Approval
Application
Part Number
*1
PS9117A
PS9117A-A
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS9117A
PS9117A-F3
PS9117A-F3-A
(SnBi)
Embossed Tape 2 500 pcs/reel
(UL approved)
PS9117A-V
PS9117A-V-A
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS9117A-V-F3
PS9117A-V-F3-A
Embossed Tape 2 500 pcs/reel
(VDE0884 Part2)
approved (Option)
PS9117A
PS9117A-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS9117A-F3
PS9117A-F3-AX
(Ni/Pd/Au)
Embossed Tape 2 500 pcs/reel
(UL approved)
PS9117A-V
PS9117A-V-AX
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS9117A-V-F3
PS9117A-V-F3-AX
Embossed Tape 2 500 pcs/reel
(VDE0884 Part2)
approved (Option)
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
*1
IF
30
mA
Reverse Voltage
VR
5
V
Detector
Supply Voltage
VCC
7
V
Output Voltage
VO
7
V
Output Current
IO
25
mA
Power Dissipation
*2
PC
40
mW
Isolation Voltage
*3
BV
3 750
Vr.m.s.
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +125
°C
*1 Reduced to 0.3 mA/
°C at TA = 25°C or more.
*2 Applies to output pin VO (collector pin). Reduced to 1.5 mW/
°C at TA = 65°C or more.
*3 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-5 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Low Level Input Voltage
VFL
0
0.8
V
High Level Input Current
IFH
6.3
10
12.5
mA
Supply Voltage
VCC
4.5
5.0
5.5
V
TTL (RL = 1 k
Ω, loads)
N
5
Pull-up Resistor
RL
330
4 k
Ω
<R>
Data Sheet PN10646EJ04V0DS
3
PS9117A


Similar Part No. - PS9117A-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9117A-V-F3 CEL-PS9117A-V-F3 Datasheet
404Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
PS9117A-V-F3 CEL-PS9117A-V-F3 Datasheet
273Kb / 14P
   The PS9117A is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip.
logo
Renesas Technology Corp
PS9117A-V-F3 RENESAS-PS9117A-V-F3 Datasheet
287Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE
logo
California Eastern Labs
PS9117A-V-F3-A CEL-PS9117A-V-F3-A Datasheet
404Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
PS9117A-V-F3-A CEL-PS9117A-V-F3-A Datasheet
273Kb / 14P
   The PS9117A is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip.
More results

Similar Description - PS9117A-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9117A CEL-PS9117A Datasheet
404Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9124 CEL-PS9124 Datasheet
988Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9122 RENESAS-PS9122 Datasheet
318Kb / 20P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
California Micro Device...
PS9121 CALMIRCO-PS9121 Datasheet
2Mb / 7P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9121-A CEL-PS9121-A Datasheet
287Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
logo
Renesas Technology Corp
PS9121 RENESAS-PS9121_15 Datasheet
301Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com