Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7241E-1A-E3 Datasheet(PDF) 6 Page - NEC

Part # PS7241E-1A-E3
Description  4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7241E-1A-E3 Datasheet(HTML) 6 Page - NEC

Back Button PS7241E-1A-E3 Datasheet HTML 2Page - NEC PS7241E-1A-E3 Datasheet HTML 3Page - NEC PS7241E-1A-E3 Datasheet HTML 4Page - NEC PS7241E-1A-E3 Datasheet HTML 5Page - NEC PS7241E-1A-E3 Datasheet HTML 6Page - NEC PS7241E-1A-E3 Datasheet HTML 7Page - NEC PS7241E-1A-E3 Datasheet HTML 8Page - NEC PS7241E-1A-E3 Datasheet HTML 9Page - NEC PS7241E-1A-E3 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
0.05
0.15
0.20
0.30
0.10
0.25
25
20
15
10
5
0
Forward Current IF (mA)
TURN-OFF TIME vs. FORWARD CURRENT
VL = 5 V,
RL = 500
Ω
TA
= –40
°C
+85
°C
+25
°C
Forward Current IF (mA)
TURN-ON TIME vs. FORWARD CURRENT
25
20
15
10
5
0
0.5
1.5
2.0
3.0
1.0
2.5
VL = 5 V,
RL = 500
Ω
–40
°C
TA
= +85
°C
+25
°C
IF = 10 mA,
IL = 10 mA
5
15
20
40
10
25
30
35
0
100
75
50
25
–50
–25
0
Ambient Temperature TA (
°C)
ON-STATE RESISTANCE vs.
AMBIENT TEMPERATURE
IF = 10 mA,
IL = 120 mA
5
15
20
40
10
25
30
35
0
Ambient Temperature TA (
°C)
ON-STATE RESISTANCE vs.
AMBIENT TEMPERATURE
100
75
50
25
–50
–25
0
IF = 10 mA,
VL = 5 V,
RL = 500
Ω
Ambient Temperature TA (
°C)
TURN-ON TIME vs.
AMBIENT TEMPERATURE
800
900
700
500
300
100
1 000
0
600
400
200
100
75
50
25
–50
–25
0
IF = 10 mA,
VL = 5 V,
RL = 500
Ω
Ambient Temperature TA (
°C)
TURN-OFF TIME vs.
AMBIENT TEMPERATURE
160
180
140
100
60
20
200
0
120
80
40
100
75
50
25
–50
–25
0
Remark The graphs indicate nominal characteristics.
Data Sheet PN10459EJ03V0DS
6
PS7241E-1A


Similar Part No. - PS7241E-1A-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241E-1A-E3 CEL-PS7241E-1A-E3 Datasheet
363Kb / 7P
   NECs 4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-CH OPTICALLY COUPLED MOS FET
logo
Renesas Technology Corp
PS7241E-1A-E3 RENESAS-PS7241E-1A-E3 Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7241E-1A-E3 RENESAS-PS7241E-1A-E3 Datasheet
244Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7241E-1A-E3 RENESAS-PS7241E-1A-E3 Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7241E-1A-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7241E-1A RENESAS-PS7241E-1A Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7241E-1A RENESAS-PS7241E-1A_15 Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241E-1B CEL-PS7241E-1B Datasheet
349Kb / 14P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1B RENESAS-PS7241E-1B Datasheet
261Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7241-1B RENESAS-PS7241-1B Datasheet
273Kb / 16P
   4-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241E-1B NEC-PS7241E-1B Datasheet
106Kb / 13P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-1B CEL-PS7241-1B Datasheet
363Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
PS7241-1A CEL-PS7241-1A Datasheet
349Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com