Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7214-1A-F4-A Datasheet(PDF) 3 Page - NEC

Part # PS7214-1A-F4-A
Description  4-PIN SOP, 1.0LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7214-1A-F4-A Datasheet(HTML) 3 Page - NEC

  PS7214-1A-F4-A Datasheet HTML 1Page - NEC PS7214-1A-F4-A Datasheet HTML 2Page - NEC PS7214-1A-F4-A Datasheet HTML 3Page - NEC PS7214-1A-F4-A Datasheet HTML 4Page - NEC PS7214-1A-F4-A Datasheet HTML 5Page - NEC PS7214-1A-F4-A Datasheet HTML 6Page - NEC PS7214-1A-F4-A Datasheet HTML 7Page - NEC PS7214-1A-F4-A Datasheet HTML 8Page - NEC PS7214-1A-F4-A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet PN10298EJ02V0DS
3
PS7214-1A
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS7214-1A
PS7214-1A-A
Pb-Free
Magazine case 100 pcs
Standard products
PS7214-1A
PS7214-1A-E3
PS7214-1A-E3-A
Embossed Tape 900 pcs/reel
(UL, BSI
PS7214-1A-E4
PS7214-1A-E4-A
approved)
PS7214-1A-F3
PS7214-1A-F3-A
Embossed Tape 3 500 pcs/reel
PS7214-1A-F4
PS7214-1A-F4-A
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW
Peak Forward Current
*1
IFP
1
A
MOS FET
Break Down Voltage
VL
100
V
Continuous Load Current
IL
400
mA
Pulse Load Current
*2
(AC/DC Connection)
ILP
0.8
A
Power Dissipation
PD
300
mW
Isolation Voltage
*3
BV
1 500
Vr.m.s.
Total Power Dissipation
PT
350
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 PW = 100 ms, 1 shot
*3 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output
Pins 1-2 shorted together, 3-4 shorted together.
<R>


Similar Part No. - PS7214-1A-F4-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7214-1A-F4-A CEL-PS7214-1A-F4-A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7214-1A-F4-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7200B-1A CEL-PS7200B-1A Datasheet
203Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200B-1A RENESAS-PS7200B-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7214-1A RENESAS-PS7214-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200B-1A NEC-PS7200B-1A Datasheet
79Kb / 12P
   4-PIN SOP 1.0 W LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS72141 NEC-PS72141 Datasheet
95Kb / 7P
   4 PIN SOP, 1.0 ??LOW ON-STATE RESISTANCE 1-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7200E-1A CEL-PS7200E-1A Datasheet
353Kb / 12P
   4-PIN SOP, 0.8 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200K-1A RENESAS-PS7200K-1A Datasheet
261Kb / 15P
   4-PIN SOP, 1.1 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
List of Unclassifed Man...
PS7200K-1A ETC1-PS7200K-1A Datasheet
351Kb / 11P
   4-PIN SOP, 1.1 Ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200H-1A CEL-PS7200H-1A Datasheet
340Kb / 11P
   4-PIN SOP, 2.2 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com