Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7241-1C Datasheet(PDF) 9 Page - NEC

Part # PS7241-1C
Description  8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7241-1C Datasheet(HTML) 9 Page - NEC

Back Button PS7241-1C_1 Datasheet HTML 5Page - NEC PS7241-1C_1 Datasheet HTML 6Page - NEC PS7241-1C_1 Datasheet HTML 7Page - NEC PS7241-1C_1 Datasheet HTML 8Page - NEC PS7241-1C_1 Datasheet HTML 9Page - NEC PS7241-1C_1 Datasheet HTML 10Page - NEC PS7241-1C_1 Datasheet HTML 11Page - NEC PS7241-1C_1 Datasheet HTML 12Page - NEC PS7241-1C_1 Datasheet HTML 13Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet PN10303EJ02V0DS
9
PS7241-1C
TAPING SPECIFICATIONS (in millimeters)
PS7241-1C-F3
PS7241-1C-F4
Tape Direction
Outline and Dimensions (Reel)
Packing: 1 500 pcs/reel
2.0±0.5
13.0±0.2
R 1.0
21.0±0.8
2.0±0.5
15.9 to 19.4
Outer edge of
flange
21.5±1.0
17.5±1.0
Outline and Dimensions (Tape)
1.55±0.1
12.0±0.1
2.0±0.05
4.0±0.1
1.55
7.6±0.1
2.8 MAX.
+0.1
–0
2.3±0.1
0.3


Similar Part No. - PS7241-1C_1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241-1C-A CEL-PS7241-1C-A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
logo
NEC
PS7241-1C-F3 NEC-PS7241-1C-F3 Datasheet
65Kb / 7P
   8 PIN SOP 400 V BREAKDOWN VOLTAGE TRANSFER TYPE 2-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7241-1C-F3 CEL-PS7241-1C-F3 Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7241-1C-F3-A CEL-PS7241-1C-F3-A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
logo
NEC
PS7241-1C-F4 NEC-PS7241-1C-F4 Datasheet
65Kb / 7P
   8 PIN SOP 400 V BREAKDOWN VOLTAGE TRANSFER TYPE 2-CH OPTICAL COUPLED MOSFET
More results

Similar Description - PS7241-1C_1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7241-1C RENESAS-PS7241-1C Datasheet
258Kb / 15P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7141-1C CEL-PS7141-1C Datasheet
368Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
NEC
PS7142-1C NEC-PS7142-1C Datasheet
75Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1C RENESAS-PS7141-1C Datasheet
264Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
PS7142-1C RENESAS-PS7142-1C Datasheet
263Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
PS7241-2B RENESAS-PS7241-2B Datasheet
252Kb / 14P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241-2B NEC-PS7241-2B Datasheet
97Kb / 12P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-2B CEL-PS7241-2B Datasheet
330Kb / 10P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
NEC
PS7221-2A NEC-PS7221-2A Datasheet
69Kb / 12P
   8-PIN SOP 200 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7221A-2A NEC-PS7221A-2A Datasheet
70Kb / 7P
   8-PIN SOP, 260 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com