Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS710EL-1A Datasheet(PDF) 4 Page - NEC

Part # PS710EL-1A
Description  6-PIN DIP, 0.08LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS710EL-1A Datasheet(HTML) 4 Page - NEC

  PS710EL-1A Datasheet HTML 1Page - NEC PS710EL-1A Datasheet HTML 2Page - NEC PS710EL-1A Datasheet HTML 3Page - NEC PS710EL-1A Datasheet HTML 4Page - NEC PS710EL-1A Datasheet HTML 5Page - NEC PS710EL-1A Datasheet HTML 6Page - NEC PS710EL-1A Datasheet HTML 7Page - NEC PS710EL-1A Datasheet HTML 8Page - NEC PS710EL-1A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet PN10127EJ02V0DS
4
PS710E-1A,PS710EL-1A
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS710E-1A
PS710E-1A-A
Pb-Free
Magazine case 50 pcs
Standard products PS710E-1A
PS710EL-1A
PS710EL-1A-A
(UL approved)
PS710EL-1A-E3
PS710EL-1A-E3-A
Embossed Tape 1 000 pcs/reel
PS710EL-1A-E4
PS710EL-1A-E4-A
*1 For the application of the Safety Standard, following part number should be used.
<R>


Similar Part No. - PS710EL-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS710EL-1A CEL-PS710EL-1A Datasheet
339Kb / 12P
   6-PIN DIP, 0.08 ohm LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS710EL-1A RENESAS-PS710EL-1A Datasheet
315Kb / 16P
   6-PIN DIP, 0.08 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS710EL-1A-A CEL-PS710EL-1A-A Datasheet
339Kb / 12P
   6-PIN DIP, 0.08 ohm LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS710EL-1A-E3 CEL-PS710EL-1A-E3 Datasheet
339Kb / 12P
   6-PIN DIP, 0.08 ohm LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS710EL-1A-E3-A CEL-PS710EL-1A-E3-A Datasheet
339Kb / 12P
   6-PIN DIP, 0.08 ohm LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
More results

Similar Description - PS710EL-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS710E-1A CEL-PS710E-1A Datasheet
339Kb / 12P
   6-PIN DIP, 0.08 ohm LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS710E-1A RENESAS-PS710E-1A Datasheet
315Kb / 16P
   6-PIN DIP, 0.08 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS710B-1A NEC-PS710B-1A Datasheet
105Kb / 14P
   6-PIN DIP, 0.05 廓 LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS710A-1A CEL-PS710A-1A Datasheet
352Kb / 11P
   6-PIN DIP, 0.1 LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS710CL2-1A RENESAS-PS710CL2-1A Datasheet
254Kb / 16P
   4-PIN DIP, 0.1 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS710A-1A NEC-PS710A-1A Datasheet
76Kb / 7P
   6-PIN DIP, 0.1 ohm LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS710B-1A CEL-PS710B-1A Datasheet
347Kb / 12P
   6-PIN DIP, 0.05 ohm LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS710A-1A RENESAS-PS710A-1A Datasheet
257Kb / 16P
   6-PIN DIP, 0.1 Ω LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
PS710B-1A RENESAS-PS710B-1A Datasheet
316Kb / 16P
   6-PIN DIP, 0.05 Ω LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7112-1A NEC-PS7112-1A Datasheet
74Kb / 12P
   6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com