Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPA3756G-45 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3756G-45
Description  14 Pin Auto-Insertable/SMD Passive Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3756G-45 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3756G-45 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14 Pin Auto-Insertable/SMD Passive Delay Lines
Package Dimensions: Surface Mount Device
Schematic
DC Elect. Character.
Unit
Distortion
%
Temperature Coefficient of Delay
PPM/°C
Insulation Resistance @ 100 Vdc
Min
1K
Meg
Dielectric Strength
Max
±10
100
100
Vdc
Input Pulse Test Conditions @ 25°C
IN
V
Pulse Input Voltage
3 Volts
W
P
Pulse Width % of Total Delay
300 %
TRI
Input Rise Time (10 - 90%)
2.0 nS
PRR Pulse Repetition Rate @ Td ≤ 150 nS
1.0 MHz
Pulse Repetition Rate @ Td > 150 nS
300 KHz
Recommended Operating
Conditions
Min
Max
Unit
PW*
Pulse Width % of Total Delay
200
%
*
D
Duty Cycle
40
%
TA
Operating Free Air Temperature
-40
+85
°C
*These two values are inter-dependent.
DSD3756-XX(Z) Rev. 1 10/10/05
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
• Maximum Attenuation: 10 % • Note : *(Z) indicates *(A) = 50
Ω *(B) = 100 Ω *(C) = 200 Ω •
Rise
Time
nS Max.
(Calculated)
14
16
18
20
25
30
35
40
60
70
80
90
100
PCA
Part
Number
EPA3756G-70*(Z)
EPA3756G-80*(Z)
EPA3756G-90*(Z)
EPA3756G-100*(Z)
EPA3756G-125*(Z)
EPA3756G-150*(Z)
EPA3756G-175*(Z)
EPA3756G-200*(Z)
EPA3756G-300*(Z)
EPA3756G-350*(Z)
EPA3756G-400*(Z)
EPA3756G-450*(Z)
EPA3756G-500*(Z)
Rise
Time
nS Max.
(Calculated)
1.25
1.50
2.0
2.5
3.0
3.5
4.0
5.0
6.0
7.0
8.0
9.0
10
12
EPA3756G-5*(Z)
EPA3756G-7.5*(Z)
EPA3756G-10*(Z)
EPA3756G-12.5*(Z)
EPA3756G-15*(Z)
EPA3756G-17.5*(Z)
EPA3756G-20*(Z)
EPA3756G-25*(Z)
EPA3756G-30*(Z)
EPA3756G-35*(Z)
EPA3756G-40*(Z)
EPA3756G-45*(Z)
EPA3756G-50*(Z)
EPA3756G-60*(Z)
PCA
Part
Number
(& Total Delay)
Delay
Tol.
0.50 ± .35 nS
0.75 ± .35 nS
1.00 ± .35 nS
1.25 ± .35 nS
1.50 ± .35 nS
1.75 ± .35 nS
2.00 ± 20%
2.50 ± 20%
3.00 ± 20%
3.50 ± 20%
4.00 ± 20%
4.50 ± 20%
5.00 ± 20%
6.00 ± 1 nS
Tap
Delay
Tol.
± 1 nS
± 1 nS
± 1 nS
± 1 nS
± 1 nS
± 1 nS
± 1 nS
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
Total
Delay
Tol.
7.00 ± 1 nS
8.00 ± 1 nS
9.00 ± 1 nS
10.00 ± 1 nS
12.50 ± 10%
15.00 ± 10%
17.50 ± 10%
20.00 ± 10%
30.00 ± 10%
35.00 ± 10%
40.00 ± 10%
45.00 ± 10%
50.00 ± 10%
Tap
Delay
Tol.
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
Total
Package Dimensions: Auto-Insertable
(& Total Delay)
• (*) Suffix "G" for Surface Mount Device, leave "Blank" for Auto-Insertable •
14
GROUND
7
1
OUT
IN
8
9
6
10
5
11
3
12
2
13
.365
Max.
.100 Typ.
.780 Max.
.280
Max.
PCA
EPA3756-XX(Z)
Date Code
.010
Typ.
.150 Typ.
.020
Min.
.230
Max.
.020
Typ.
White Dot
Pin#1
.100
± .005
PCA
EPA3756G-XX(Z)
Date Code
.280
.780 Max.
.240
.010
± .005
.430
.020
± .002
.040
.450
.055
.100
.03
Suggested Solder
Pad Layout
.340


Similar Part No. - EPA3756G-45

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3756G-45*(Z) PCA-EPA3756G-45*(Z) Datasheet
23Kb / 1P
   14 Pin Auto-Insertable/SMD Passive Delay Lines
EPA3756G-450*(Z) PCA-EPA3756G-450*(Z) Datasheet
23Kb / 1P
   14 Pin Auto-Insertable/SMD Passive Delay Lines
More results

Similar Description - EPA3756G-45

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3756-XX PCA-EPA3756-XX_15 Datasheet
23Kb / 1P
   14 Pin Auto-Insertable/SMD Passive Delay Lines
EP6400-1 PCA-EP6400-1 Datasheet
22Kb / 1P
   14 Pin DIP Passive Delay Lines
EP6400 PCA-EP6400_15 Datasheet
22Kb / 1P
   14 Pin DIP Passive Delay Lines
EP19830 PCA-EP19830 Datasheet
21Kb / 1P
   14 Pin DIP Passive Delay Lines
EP9130 PCA-EP9130 Datasheet
30Kb / 1P
   SMD 28 Pin Passive Delay Lines
EP6700 PCA-EP6700_15 Datasheet
24Kb / 1P
   14 Pin Single-in-Line Package Passive Delay Lines
EPA3252-2.5 PCA-EPA3252-2.5 Datasheet
38Kb / 1P
   SMD 28 Pin Gull-Wing Passive Delay Lines
EPA3252-XXX PCA-EPA3252-XXX_15 Datasheet
38Kb / 1P
   SMD 28 Pin Gull-Wing Passive Delay Lines
EP6700-1 PCA-EP6700-1 Datasheet
24Kb / 1P
   14 Pin Single-in-Line Package Passive Delay Lines
EPA059-20A PCA-EPA059-20A Datasheet
39Kb / 1P
   24 Pin DIP Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com