Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2710TB-E3 Datasheet(PDF) 9 Page - NEC

Part # UPC2710TB-E3
Description  5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2710TB-E3 Datasheet(HTML) 9 Page - NEC

Back Button UPC2710TB-E3 Datasheet HTML 5Page - NEC UPC2710TB-E3 Datasheet HTML 6Page - NEC UPC2710TB-E3 Datasheet HTML 7Page - NEC UPC2710TB-E3 Datasheet HTML 8Page - NEC UPC2710TB-E3 Datasheet HTML 9Page - NEC UPC2710TB-E3 Datasheet HTML 10Page - NEC UPC2710TB-E3 Datasheet HTML 11Page - NEC UPC2710TB-E3 Datasheet HTML 12Page - NEC UPC2710TB-E3 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet P13443EJ3V0DS
9
µµµµPC2710TB
OUTPUT POWER vs. INPUT POWER
+20
+15
+5
0
−40
0
+10
Input Power Pin (dBm)
−10
−15 −10 −5
+10
−5
−15
−20
−25
−30
+5
VCC = 4.5 V
VCC = 5.5 V
VCC = 5.0 V
f = 0.5 GHz
−35
OUTPUT POWER vs. INPUT POWER
+20
+15
+5
0
−40
0
+10
Input Power Pin (dBm)
−10
−15 −10 −5
+10
−5
−15
−20
−25
−35
+5
VCC = 5.0 V
f = 0.5 GHz
TA =
−40°C
TA =
+25°C
TA =
+85°C
−30
OUTPUT POWER vs. INPUT POWER
+20
+15
+5
0
0
+10
Input Power Pin (dBm)
−10
−15 −10 −5
+10
−5
−15
−20
−25
−30
+5
f = 1.0 GHz
VCC = 4.5 V
VCC = 5.5 V
VCC = 5.0 V
−40 −35
OUTPUT POWER vs. INPUT POWER
+20
+15
+5
0
+10
Input Power Pin (dBm)
−10
+10
−5
−15
+5
0
f = 1.0 GHz
VCC = 5.0 V
−15 −10 −5
−20
−25
−30
−35
−40
f = 0.5 GHz
SATURATED OUTPUT POWER vs.
FREQUENCY
+20
+14
+8
0.5
1.0
2.0
Frequency f (GHz)
+6
0.1
+18
+16
+12
+10
0.2
Pin =
−8 dBm
VCC = 5.0 V
VCC = 4.5 V
VCC = 5.5 V
−60
−50
−40
−30
−10
+10
Output Power of Each Tone PO (each) (dBm)
−20
0
−10
3RD ORDER INTERMODULATION DISTORTION
vs. OUTPUT POWER OF EACH TONE
+8
−8
+6
+4
+2
−6 −4 −2
f1 = 0.500 GHz
f2 = 0.502 GHz
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V


Similar Part No. - UPC2710TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2710TB-E3 NEC-UPC2710TB-E3 Datasheet
127Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC2710TB-E3 RENESAS-UPC2710TB-E3 Datasheet
240Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
California Eastern Labs
UPC2710TB-E3-A CEL-UPC2710TB-E3-A Datasheet
221Kb / 8P
   5V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
More results

Similar Description - UPC2710TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB Datasheet
80Kb / 12P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB Datasheet
99Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2709TB NEC-UPC2709TB Datasheet
95Kb / 6P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2710TB NEC-UPC2710TB Datasheet
127Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB_1 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com