Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPA3727 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3727
Description  Coupled Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3727 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3727 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
Coupled Inductor
CSA3727
Rev. 2
4/4/01
• 1250 Vrms Isolation •
• DCR Match: ± 2.5% •
• 100 mA max rated DC current on both coils •
EPA3727
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Dimensions
Inductance
(mH ± 5%)
(@ 0 DC)
2.4
@ 1 KHz
0.1 Vrms
Pins 1-5
DCR
(
Ω Max)
5.0
Each Winding
Leakage
Inductance
(µH Max.)
210
@ 1 KHz
0.1 Vrms
Pins 1-5 with
6-10 Shorted
---
---
.500
.400
.039
.200
.400
.018
.150
Nom.
---
---
12.7
10.16
1.0
5.08
10.16
0.45
3.8
Nom.
---
---
.484
---
---
---
---
---
---
A
B
C
D
E
F
G
H
J
Dim.
Min.
.560
.560
.516
---
---
---
---
---
---
Max.
(Inches)
(Millimeters)
---
---
12.3
---
---
---
---
---
---
Min.
14.22
14.22
13.1
---
---
---
---
---
---
Max.
Schematic
1
3
6
10
1CT:1
Interwinding
Capacitance
(pF Max.)
@ 1 KHz
0.1 Vrms
250
Pins 1-5
to 6-10
Inductance
(mH Min.)
(@100mA DC bias each coil)
2.2
@ 1 KHz
0.1 Vrms
Pins 1-5
5
Package
E
J
C
B
PCA
EPA3727
D.C.
15
10
6
A
F
G
H (Sq.)
D
White dot
Pin # 1


Similar Part No. - EPA3727

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3723G PCA-EPA3723G Datasheet
39Kb / 1P
   Coupled Inductor
EPA3724G PCA-EPA3724G Datasheet
39Kb / 1P
   Coupled Inductor
EPA3725G PCA-EPA3725G Datasheet
39Kb / 1P
   Coupled Inductor
More results

Similar Description - EPA3727

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3723G PCA-EPA3723G Datasheet
39Kb / 1P
   Coupled Inductor
EPA3725G PCA-EPA3725G Datasheet
39Kb / 1P
   Coupled Inductor
EPZ3036GE PCA-EPZ3036GE Datasheet
36Kb / 1P
   Coupled Inductor
EPC3009 PCA-EPC3009 Datasheet
44Kb / 1P
   Coupled Inductor
EPB5175G PCA-EPB5175G Datasheet
25Kb / 1P
   Coupled Inductor
logo
Coilcraft lnc.
NA5880-AE COILCRAFT-NA5880-AE Datasheet
253Kb / 1P
   Coupled Inductor
NA5880 COILCRAFT-NA5880_15 Datasheet
253Kb / 1P
   Coupled Inductor
logo
XFMRS Inc.
XF0336-EP7S XFMRS-XF0336-EP7S Datasheet
68Kb / 1P
   Coupled Inductor
logo
Coilcraft lnc.
JA4590-AL COILCRAFT-JA4590-AL Datasheet
127Kb / 1P
   Coupled Inductor
logo
Pulse A Technitrol Comp...
PA3142AHL PULSE-PA3142AHL Datasheet
679Kb / 4P
   Coupled Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com