Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8128TB Datasheet(PDF) 6 Page - NEC

Part # UPC8128TB
Description  SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8128TB Datasheet(HTML) 6 Page - NEC

Back Button UPC8128TB Datasheet HTML 2Page - NEC UPC8128TB Datasheet HTML 3Page - NEC UPC8128TB Datasheet HTML 4Page - NEC UPC8128TB Datasheet HTML 5Page - NEC UPC8128TB Datasheet HTML 6Page - NEC UPC8128TB Datasheet HTML 7Page - NEC UPC8128TB Datasheet HTML 8Page - NEC UPC8128TB Datasheet HTML 9Page - NEC UPC8128TB Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Data Sheet P12549EJ3V0DS
6
µµµµPC8128TB, µµµµPC8151TB, µµµµPC8152TB
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, TA = +25°C, VCC = Vout = 3.0 V, ZS = ZL = 50
Ω, at LC matched frequency)
µPC8128TB
µPC8151TB
µPC8152TB
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No signal
1.8
2.8
3.8
2.8
4.2
5.8
4.2
5.6
7.1
mA
Power Gain
GP
f = 1.00 GHz
f = 1.66 GHz
f = 1.90 GHz
9.5
10
10
12.5
13
13
14.5
15
15
9.5
12
12
12.5
15
15
14.5
17
17
20
16.5
14.5
23
19.5
17.5
25
21.5
19.5
dB
Isolation
ISL
f = 1.00 GHz
f = 1.66 GHz
f = 1.90 GHz
34
34
32
39
39
37
33
31
29
38
36
34
35
32
30
40
36
35
dB
Gain 1 dB
Compression
Output Power
PO(1 dB)
f = 1.00 GHz
f = 1.66 GHz
f = 1.90 GHz
−7.5
−8.5
−8.5
−4.0
−4.0
−4.0
−1.0
−2.5
−3.0
+2.5
+1.5
+0.5
−7.5
−11.5
−11.5
−4.5
−8.5
−8.5
dBm
Saturated Output
Power
Note
(Pin =
−6 dBm)
PO(sat)
f = 1.00 GHz
f = 1.66 GHz
f = 1.90 GHz
−2.5
−5.5
−7.0
+0.5
−2.5
−3.0
dB
Noise Figure
NF
f = 1.00 GHz
f = 1.66 GHz
f = 1.90 GHz
6.0
6.0
6.0
7.5
7.5
7.5
6.0
6.0
6.0
7.5
7.5
7.5
3.5
4.0
4.5
5.0
5.5
6.0
dB
Input Return Loss
(without matching
circuit)
RLin
f = 1.00 GHz
f = 1.66 GHz
f = 1.90 GHz
2
2
2.5
5
5
5.5
2
1
1
5
4
4
8.5
7.5
8.5
11.5
10.5
11.5
dB
Note Saturated output power is specified only in
µPC8152TB which has flat saturated region.
STANDARD CHARACTERISTICS
(Unless otherwise specified, TA = +25°C, VCC = Vout = 3.0 V, ZS = ZL = 50
Ω, at LC matched frequency)
Reference Value
Parameter
Symbol
Conditions
µPC8128TB µPC8151TB µPC8152TB
Unit
Output Return Loss
(with external
matching circuit)
RLout
f = 1.00 GHz
f = 1.66 GHz
f = 1.90 GHz
10
25
14
10
18
12
15
7.5
7
dB
3rd Order
Intermodulation
Distortion
IM3
f1 = 1.000 GHz, f2 = 1.001 GHz, PO(each) =
−20 dBm
f1 = 1.660 GHz, f2 = 1.661 GHz, PO(each) =
−20 dBm
f1 = 1.900 GHz, f2 = 1.901 GHz, PO(each) =
−20 dBm
−50
−46
−46
−62
−56
−54
−51
−43
−42
dBc


Similar Part No. - UPC8128TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8128TB NEC-UPC8128TB Datasheet
138Kb / 16P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC8128TB NEC-UPC8128TB Datasheet
154Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
logo
California Eastern Labs
UPC8128TB CEL-UPC8128TB Datasheet
1Mb / 25P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC8128TB CEL-UPC8128TB Datasheet
593Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC8128TB RENESAS-UPC8128TB Datasheet
513Kb / 54P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
More results

Similar Description - UPC8128TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8128TA NEC-UPC8128TA Datasheet
138Kb / 16P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
logo
California Eastern Labs
UPC8151TB CEL-UPC8151TB Datasheet
206Kb / 10P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR CELLULAR/CORDLESS TELEPHONES
logo
NEC
UPC8106TB NEC-UPC8106TB Datasheet
185Kb / 24P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Sanyo Semicon Device
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
   Low-voltage Compander IC for Cordless Telephones
logo
NEC
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8112TB NEC-UPC8112TB Datasheet
125Kb / 5P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com