Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLS3D23 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CLS3D23
Description  2 in 1 Inductor & 3 in 1 Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS3D23 Datasheet(HTML) 2 Page - Sumida Corporation

  CLS3D23_1 Datasheet HTML 1Page - Sumida Corporation CLS3D23_1 Datasheet HTML 2Page - Sumida Corporation CLS3D23_1 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 in 1 Inductor &
2 in 1 Inductor &
2 in 1 Inductor &
2 in 1 Inductor &
3 in 1 Inductor
3 in 1 Inductor
3 in 1 Inductor
3 in 1 Inductor
(CLS series)
(CLS series)
(CLS series)
(CLS series)
Electrical Characteristics specification.
※ Visit http://www.sumida.com for more information
3.3μH
1.42A
1.47A
114m(91m)
CLS3D23
4x4x2.5
1.0μH~10μH
4.7μH
0.97A
1.36A
159m(127m)
10μH
0.70A
0.94A
345m(276m)
3.3μH
1.01A
1.35A
141m(113m)
CLS3D18
4x4x2.0
1.0μH~10μH
5.0μH
0.73A
1.17A
200m(160m)
10μH
0.51A
0.75A
404m(323m)
3.5μH
1.34A
2.26A
 74m(54m)
CLS4D28B
5x5x3.0
2.2μH~47μH
6.8μH
0.92A
1.66A
132m(102m)
10μH
0.80A
1.54A
190m(146m)
3.6μH
1.16A
2.56A
 80m(60m)
CLS4D23B
5x5x2.5
2.2μH~22μH
7.3μH
0.80A
1.64A
155m(121m)
11μH
0.68A
1.23A
220m(171m)
3.3μH
1.10A
2.30A
95m(72m)
CLS4D18
5x5x2.0
1.0μH~10μH
5.0μH
0.96A
1.80A
145m(114m)
10μH
0.64A
1.20A
310m(240m)
3.3μH
2.40A
3.20A
35m(27m)
CLS6D28
7x7x3.0
1.2μH~120μH
6.8μH
1.70A
2.00A
78m(60m)
10μH
1.44A
1.80A
100m(75m)
3.0μH
2.4A
1.6A
42m(34m)
CLS6D23
7x7x2.5
1μH~100μH
6.8μH
1.56A
0.91A
97m(78m)
10μH
1.26A
0.80A
130m(104m)
3.5μH
1.72A
1.20A
 71m(59m)
CLS6D18
7x7x2.0
1.3μH~22μH
6.8μH
1.20A
0.81A
129m(107m)
10μH
0.98A
0.75A
155m(129m)
3.3μH
3.70A
4.80A
 36m(29m)
CLS8D28
9x9x3.0
1.0μH~220μH
6.8μH
2.50A
3.90A
55m(44m)
10μH
2.20A
3.10A
81m(65m)
2.7μH
5.80A
4.50A
26m(21m)
CLS104
10.6x10.4x4.1
1.2μH~21μH
6.8μH
2.80A
3.20A
61m(49m)
10μH
2.30A
2.40A
98m(79m)
3.0μH
8.50A
8.80A
13.7m(11.5m)
CLS125
16x13x6.0
1.2μH~110μH
5.6μH
6.40A
6.90A
21.8m(18m)
15μH
4.80A
4.30A
54m(45m)
3.2μH
12.0A
9.00A
14.2m(11.9m)
CLS127
16x13x8.0
1.3μH~110μH
5.8μH
9.90A
7.00A
23.0m(19.3m)
15μH
5.60A
4.00A
60.0m(50.8m)
3.0μH
3.00A
2.90A
-
CLS6D28B
7x7x3.0
5.0μH
2.30A
2.40A
-
10μH
1.50A
1.80A
-
3.0μH
4.30A
3.50A
-
CLS8D28B
9x9x3.0
5.0μH
3.20A
3.20A
-
10μH
2.30A
1.70A
-
Type
DC
Bias
Current
(10%Down)
Inductance
Turns
Ratio(1:1)
Inductance
Range
Turns
Ratio(1:1)
Dimensions
WxLxH(mm)
Temperature
rise
current
(⊿t:40℃)
D.C.R.(Ω)
Max.(Typ.)


Similar Part No. - CLS3D23_1

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS3D23NP-100N SUMIDA-CLS3D23NP-100N Datasheet
56Kb / 2P
   Power Inductor & 2 in 1 Power Transformer
CLS3D23NP-1R0N SUMIDA-CLS3D23NP-1R0N Datasheet
56Kb / 2P
   Power Inductor & 2 in 1 Power Transformer
CLS3D23NP-1R5N SUMIDA-CLS3D23NP-1R5N Datasheet
56Kb / 2P
   Power Inductor & 2 in 1 Power Transformer
CLS3D23NP-2R2N SUMIDA-CLS3D23NP-2R2N Datasheet
56Kb / 2P
   Power Inductor & 2 in 1 Power Transformer
CLS3D23NP-3R3N SUMIDA-CLS3D23NP-3R3N Datasheet
56Kb / 2P
   Power Inductor & 2 in 1 Power Transformer
More results

Similar Description - CLS3D23_1

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS4D09 SUMIDA-CLS4D09_10 Datasheet
123Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D23B SUMIDA-CLS4D23B Datasheet
202Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D09 SUMIDA-CLS4D09_07 Datasheet
39Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D14 SUMIDA-CLS4D14_07 Datasheet
46Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D11 SUMIDA-CLS4D11_07 Datasheet
42Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D18 SUMIDA-CLS4D18 Datasheet
40Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D28B SUMIDA-CLS4D28B Datasheet
116Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS6D23 SUMIDA-CLS6D23 Datasheet
39Kb / 1P
   Power Inductor&2 in 1 Power Transformer
CLS6D18 SUMIDA-CLS6D18 Datasheet
39Kb / 1P
   Power Inductor&2 in 1 Power Transformer
CLS3D18 SUMIDA-CLS3D18 Datasheet
44Kb / 2P
   Power Inductor & 2 in 1 Power Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com