Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KF5N50FZ Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KF5N50FZ
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF5N50FZ Datasheet(HTML) 7 Page - KEC(Korea Electronics)

  KF5N50FZ Datasheet HTML 1Page - KEC(Korea Electronics) KF5N50FZ Datasheet HTML 2Page - KEC(Korea Electronics) KF5N50FZ Datasheet HTML 3Page - KEC(Korea Electronics) KF5N50FZ Datasheet HTML 4Page - KEC(Korea Electronics) KF5N50FZ Datasheet HTML 5Page - KEC(Korea Electronics) KF5N50FZ Datasheet HTML 6Page - KEC(Korea Electronics) KF5N50FZ Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2008. 11. 19
7/7
KF5N50P/F/PZ/FZ
Revision No : 0
Fig17. Source - Drain Diode Reverse Recovery and dv /dt
IF
IS
VDS
VSD
ISD
(DUT)
VDS
(DUT)
VGS
10V
driver
DUT
Body Diode Recovery dv/dt
Body Diode Forword Voltage drop
Body Diode Forword Current
Body Diode Reverse Current
di/dt
VDD
IRM
0.5
VDSS


Similar Part No. - KF5N50FZ

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF5N50FZA KEC-KF5N50FZA Datasheet
720Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF5N50FZA KEC-KF5N50FZA_15 Datasheet
720Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - KF5N50FZ

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com