Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CET3904E Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CET3904E
Description  COMPLEMENTARY PICOminiTM SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CET3904E Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CET3904E Datasheet HTML 1Page - Central Semiconductor Corp CET3904E Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPN
PNP
SYMBOL
TEST CONDITIONS
MIN
TYP
TYP
MAX
UNITS
VCE(SAT)IC=50mA, IB=5.0mA
0.100
0.100
0.200
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.65
0.75
0.75
0.85
V
VBE(SAT)
IC=50mA, IB=5.0mA
0.85
0.85
0.95
V
hFE
VCE=1.0V, IC=0.1mA
90
240
130
hFE
VCE=1.0V, IC=1.0mA
100
235
150
hFE
VCE=1.0V, IC=10mA
100
215
150
300
hFE
VCE=1.0V, IC=50mA
70
110
120
hFE
VCE=1.0V, IC=100mA
30
50
55
fT
VCE=20V, IC=10mA, f=100MHz
300
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
4.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
8.0
pF
hie
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
12
k Ω
hre
VCE=10V, IC=1.0mA, f=1.0kHz
0.1
10
X10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
100
400
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
60
μS
NF
VCE=5.0V, IC=100μA, RS =1.0KΩ,
4.0
dB
f=10Hz to 15.7kHz
td
VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA
35
ns
tr
VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA
35
ns
ts
VCC=3.0V, IC=10mA, IB1=IB2=1.0mA
200
ns
tf
VCC=3.0V, IC=10mA, IB1=IB2=1.0mA
50
ns
Central
Semiconductor Corp.
TM
R1 (5-MAY 2008)
SOT-883L - MECHANICAL OUTLINE
LEAD CODE:
1) BASE
2) EMITTER
3) COLLECTOR
ELECTRICAL CHARACTERISTICS - Continued:
CET3904E NPN
CET3906E PNP
ENHANCED SPECIFICATION
COMPLEMENTARY PICOminiTM
SILICON TRANSISTORS
Enhanced specification


Similar Part No. - CET3904E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CET3904E CENTRAL-CET3904E Datasheet
370Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CET3904E CENTRAL-CET3904E_10 Datasheet
370Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - CET3904E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N3773 UTC-2N3773 Datasheet
69Kb / 5P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Micro Electronics
BC635 MICRO-ELECTRONICS-BC635 Datasheet
184Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
MPS6560 CENTRAL-MPS6560 Datasheet
55Kb / 1P
   COMPLEMENTARY SILICON TRANSISTORS
MPSA05 CENTRAL-MPSA05_15 Datasheet
1Mb / 5P
   COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5814 NJSEMI-2N5814 Datasheet
80Kb / 1P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
MPSA20 CENTRAL-MPSA20 Datasheet
331Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Unisonic Technologies
2N6099 UTC-2N6099_15 Datasheet
73Kb / 3P
   COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
WW18 NJSEMI-WW18 Datasheet
122Kb / 2P
   Silicon Complementary Transistors
logo
Unisonic Technologies
2N3773 UTC-2N3773_12 Datasheet
154Kb / 3P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
CMPT4401 CENTRAL-CMPT4401 Datasheet
99Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com