Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

125144 Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part No. 125144
Description  GaAlAs / GaAlAs LED Chips (substrate removed)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSA [OSA Opto Light GmbH]
Homepage  http://www.osa-opto.com
Logo 

125144 Datasheet(HTML) 1 Page - OSA Opto Light GmbH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2004
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
INFRA-RED
Item No.: 125144
1.
This specification applies to GaAlAs / GaAlAs LED Chips (substrate removed)
2.
Structure
2.1
Mesa structure
2.2
Electrodes
p-side (anode)
Au alloy
n-side (cathode)
Au alloy
3.
Outlines (dimensions in microns)
Wire bond contacts can also be square
4.
Electrical and optical characteristics (T=25°C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward voltage
VF
IF = 20 mA
1,55
1,80
V
Reverse voltage
VR
IR = 10 µA
5
V
output Power *
Φ
e
IF = 20 mA
3,0
3,4
mW
Switching time
tr, tf
IF = 20 mA
35
ns
Peak wavelength
λ
IF = 20 mA
810
nm
Power measurement at OSA on gold plate
5.
Packing
Dice on adhesive film with 1) wire bond side on top
2) back contact on top
6.
Labeling
Type
Lot No.
Φ
e typ
Quantity
min
max
n-Epitaxy GaAlAs
n-Electrode
p-Electrode
p-Epitaxy GaAlAs
Active Layer
150
typ.
365
120
365


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn