Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2541SQ3030E Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2541SQ3030E
Description  Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2541SQ3030E Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX2541SQ3030E Datasheet HTML 1Page - National Semiconductor (TI) LMX2541SQ3030E Datasheet HTML 2Page - National Semiconductor (TI) LMX2541SQ3030E Datasheet HTML 3Page - National Semiconductor (TI) LMX2541SQ3030E Datasheet HTML 4Page - National Semiconductor (TI) LMX2541SQ3030E Datasheet HTML 5Page - National Semiconductor (TI) LMX2541SQ3030E Datasheet HTML 6Page - National Semiconductor (TI) LMX2541SQ3030E Datasheet HTML 7Page - National Semiconductor (TI) LMX2541SQ3030E Datasheet HTML 8Page - National Semiconductor (TI) LMX2541SQ3030E Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Absolute Maximum Ratings (Notes 1, 2, 3)
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors
for availability and specifications.
Parameter
Symbol
Ratings
Units
Power Supply Voltage
Vcc
-0.3 to 3.6
V
Input Voltage to pins other than Vcc Pins
(Note 4)
V
IN
-0.3 to (Vcc+0.3)
V
IN
Storage Temperature
Range
T
STG
-65 to 150
°C
Lead Temperature (solder 4 sec.)
T
L
+ 260
°C
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
(All Vcc Pins)
Vcc
3.15
3.3
3.45
V
Ambient Temperature
T
A
-40
+85
°C
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device
is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
The guaranteed specifications apply only to for the test conditions listed.
Note 2: This Device is a high performance RF integrated circuit with an ESD rating < 2kV and is ESD sensitive. Handling and assembly of this device should only
be done at ESD-free workstations.
Note 3: Stresses in excess of the absolute maximum ratings can cause permanent or latent damage to the device. These are absolute stress ratings only.
Functional operation of the device is only implied at these or any other conditions in excess of those given in the
Note 4: Never to exceed 3.6 V.
5
www.national.com


Similar Part No. - LMX2541SQ3030E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2541SQ3030E TI1-LMX2541SQ3030E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQ3030E TI-LMX2541SQ3030E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQ3030E TI1-LMX2541SQ3030E Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
LMX2541SQ3030E/NOPB TI1-LMX2541SQ3030E/NOPB Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
More results

Similar Description - LMX2541SQ3030E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2541 TI1-LMX2541 Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
logo
National Semiconductor ...
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
   PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com