Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-021S15SMPBC-S Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-021S15SMPBC-S
Description  D-Subminiature Connector EMI Filtered
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-021S15SMPBC-S Datasheet(HTML) 1 Page - Glenair, Inc.

  240-021S15SMPBC-S Datasheet HTML 1Page - Glenair, Inc. 240-021S15SMPBC-S Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-2
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2008 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
www.glenair.com
E-Mail: sales@glenair.com
E
240-021
D-Subminiature Connector
EMI Filtered (MIL-DTL-24308 Type)
.236 (6.0)
.229 (5.6)
Pin
B Socket (Outside)
C
.220 (5.6) Max
.248 (6.3)
.238 (6.0)
Socket
D Pin
(Inside)
G
F
A
B Pin (Inside)
D Socket
(Outside)
.180
± .020
(4.6 ± .5)
Ø .030 ± .001 (0.76 ± .03) Standard
Ø .020 ± .001 (0.50 ± .03) High Density
E
Standard #20 Solder
Cup .042 (1.1) Min I.D.
HD #22 Solder Cup
.0345 (.8763 Min I.D.
H
.065 ± .005
(1.7 ± .1)
2 X Ø .125/.120 (3.2/3.0)
or 4-40 Clinch
APPLICATION NOTES
1. Materials/Finishes:
Shells - See Table II
Insulators - High grade rigid dielectric/N.A.
Contacts - Copper Alloy/Gold Plated
2. Assembly to be indentified with date code, cage code, Glenair P/N,
and serial number
3. Electrical Performance:
Dielectric withstanding voltage class A and B: 100 VDC
All others: 500 VDC
Insulation resistance: 5,000 megohms @ 100 VDC
Current Rating Standard Density: 7.5 Amps maximum
Current Rating High Density: 5 Amps maximum
4. Dimensions B and D taken from inside of shell for
Pin/Plug and outside for Socket/Receptacle
5. Metric dimensions (mm) are indicated in parentheses
Shell Material/Finish
(See Table II)
Filter Connector
Product Code
MIL-C-24308 Type
Filter Type
(See Table III)
Contact Density
S - Standard
H - High
Hardware Options
(See Table V)
240 - 021 S 15S
J
P
G
B – S
Shell Size and Contact Type
(See Table I)
Filter Value
(See Table IV)
Termination Type
P - PC Tails
S - Solder Cups


Similar Part No. - 240-021S15SMPBC-S

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-021 GLENAIR-240-021 Datasheet
148Kb / 4P
   D-Subminiature Filter Connector
More results

Similar Description - 240-021S15SMPBC-S

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
247-1679PJB GLENAIR-247-1679PJB Datasheet
326Kb / 2P
   D-Subminiature Connector, Right Angle EMI Filtered European Footprint
logo
Adam Technologies, Inc.
DXXX-PT-1-BL-EMI ADAM-TECH-DXXX-PT-1-BL-EMI Datasheet
118Kb / 1P
   D-SUB PLUG EMI FILTERED
DXXX-PT-1-BL-JS-EMI ADAM-TECH-DXXX-PT-1-BL-JS-EMI Datasheet
122Kb / 1P
   D-SUB PLUG EMI FILTERED
DXXX-ST-1-SL-EMI ADAM-TECH-DXXX-ST-1-SL-EMI Datasheet
110Kb / 1P
   D-SUB SOCKET EMI FILTERED
logo
Glenair, Inc.
550T009M GLENAIR-550T009M Datasheet
100Kb / 2P
   EMI/RFI D-Subminiature
550T001M GLENAIR-550T001M Datasheet
98Kb / 2P
   EMI/RFI D-Subminiature Split Backshell
557T110M GLENAIR-557T110M Datasheet
97Kb / 1P
   EMI/RFI D-Subminiature Solid Backshell
557T108M GLENAIR-557T108M Datasheet
119Kb / 2P
   EMI/RFI D-Subminiature Split Backshell
550T100M GLENAIR-550T100M Datasheet
107Kb / 2P
   Non-EMI D-Subminiature Split Backshell
2470-1112 GLENAIR-2470-1112 Datasheet
63Kb / 1P
   Combo-D Filtered Plug Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com